Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M61201SP Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # M61201SP
Description  TV SIGNAL PROCESSOR FOR MULTI SYSTEM
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M61201SP Datasheet(HTML) 1 Page - Renesas Technology Corp

  M61201SP Datasheet HTML 1Page - Renesas Technology Corp M61201SP Datasheet HTML 2Page - Renesas Technology Corp M61201SP Datasheet HTML 3Page - Renesas Technology Corp M61201SP Datasheet HTML 4Page - Renesas Technology Corp M61201SP Datasheet HTML 5Page - Renesas Technology Corp M61201SP Datasheet HTML 6Page - Renesas Technology Corp M61201SP Datasheet HTML 7Page - Renesas Technology Corp M61201SP Datasheet HTML 8Page - Renesas Technology Corp M61201SP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
TV SIGNAL PROCESSOR FOR MULTI SYSTEM
M61201SP
MITSUBISHI ICs (TV)
MITSUBISHI
ELECTRIC
Notice ; This is not a final specification.
Some parametric limits are subject to change.
PRELIMINARY
52
49
50
51
1
4
3
2
48
5
47
6
44
9
43
10
42
11
41
12
13
14
40
39
7
8
46
45
15
38
16
37
17
36
18
35
19
20
34
33
21
32
22
31
23
24
30
29
25
28
26
27
DESCRIPTION
M61201SP is IIC-bus controlled single chip TV processor which is
intend to be provided a solution to PAL/NTSC and PAL-M/N colour
television receivers. It consists of various processing blocks such as
video IF, sound IF, luminance, chrominance, baseband delay line,OSD
display, interface, H/V deflection, and EAST/WEST geometry, but no
SECAM function is integrated.
FEATURES
VIF VCO Coil-less
Alignment-free Sound Demodulator
1 Crystal Chroma Demodulation for full multi system
Built-in Base band 1H Delay Line
Fsc output available
Half Tone available
Built-in Horizontal Oscillator resonator
Built in Sync. Sep.(Auto Slicer type)
Built-in Vertical Saw Tooth Generator
Built-in Black Peak Hold ,AFC2,Killer Filter
Inverted SCP OUT,Vertical Pulse Out available
East-West Geometry Control
No SECAM function
APPLICATIONS
MULTI SYSTEM TELEVISION
RECOMMENDED OPERATING CONDITIONS
Supply voltage
4.75V to 5.25V(pins 8 and 26)
7.6V to 8.4V
(pins 22 and 42)
Rated supply voltage
5.0V
(pins 8 and 26)
8.0V
(pins 22 and 42)
NC:NO CONNECT ION
PIN CONFIGURATION (TOP VIEW)
Outline 52P4B
V.RAMP OUT
VIDEO/CHROMA Vcc
AFT OUT
RF AGC OUT
IF AGC FILTER
VIF IN
VIF IN
IF Vcc (5V)
H.VCO FEEDBACK
SCL
FBP IN / SCP OUT
H OUT
DEF Vss / GND
SDA
AFC FILTER
R OUT
G OUT
B OUT
START UP Vcc (8V)
B IN
IF GND
SIF IN
V.RAMP AGC
INV. FBP OUT
V.RAMP CAP
EW OUT
SPOT KILLER
VIF VCO FEEDBACK
G IN
R IN
ACL ABCL / fsc OUT
EXT/C IN
CHROMA APC FILTER
TV/Y IN
VIDEO/CHROMA GND
AV SW OUT
INTELLIGENT
Hi Vcc
AUDIO OUT
AUDIO BYPASS
EXT AUDIO IN
FM DIRECT OUT
VIF APC FILTER
VIF VIDEO OUT
FAST BLK
NC
DDS DECOUPLING
X-TAL 4.43
DDS FILTER
NC
PAL ID. FILTER
NC
MONITOR
/ V.PULSE OUT
1


Similar Part No. - M61201SP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M61202SP RENESAS-M61202SP Datasheet
6Mb / 15P
TV SIGNAL PROCESSOR FOR MULTI SYSTEM
logo
Mitsubishi Electric Sem...
M61203CFP MITSUBISHI-M61203CFP Datasheet
786Kb / 51P
NTSC TV SIGNAL PROCESSOR
M61206FP MITSUBISHI-M61206FP Datasheet
1Mb / 51P
NTSC TV SIGNAL PROCESSOR
logo
Renesas Technology Corp
M61206FP RENESAS-M61206FP Datasheet
16Mb / 52P
NTSC TV SIGNAL PROCESSOR
More results

Similar Description - M61201SP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M52030ASP MITSUBISHI-M52030ASP Datasheet
812Kb / 8P
NTSC SYSTEM SINGLE-CHIP COLOR TV SIGNAL PROCESSOR
M52335SP MITSUBISHI-M52335SP Datasheet
276Kb / 29P
NTSC SYSTEM SINGLE-CHIP COLOR TV SIGNAL PROCESSOR
logo
New Japan Radio
NJW1300A NJRC-NJW1300A Datasheet
578Kb / 13P
SIGNAL PROCESSOR FOR COLOR TV
logo
Mitsubishi Electric Sem...
M51307BSP MITSUBISHI-M51307BSP Datasheet
537Kb / 7P
NTSC SYSTEM SINGLE-CHIP COLOR TV SIGNAL PROCESSOR
M52303ASP MITSUBISHI-M52303ASP Datasheet
970Kb / 31P
NTSC System Single-Chip color TV Signal processor
logo
New Japan Radio
NJU26040-08B NJRC-NJU26040-08B Datasheet
192Kb / 9P
Digital Signal Processor for TV
NJU26120 NJRC-NJU26120 Datasheet
192Kb / 10P
Digital Signal Processor for TV
logo
Renesas Technology Corp
M61202SP RENESAS-M61202SP Datasheet
6Mb / 15P
TV SIGNAL PROCESSOR FOR MULTI SYSTEM
logo
New Japan Radio
NJU26123 NJRC-NJU26123 Datasheet
215Kb / 19P
Digital Signal Processor for TV
NJU26124 NJRC-NJU26124 Datasheet
278Kb / 22P
Digital Signal Processor for TV
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com