Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M61201SP Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # M61201SP
Description  TV SIGNAL PROCESSOR FOR MULTI SYSTEM
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M61201SP Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button M61201SP Datasheet HTML 6Page - Renesas Technology Corp M61201SP Datasheet HTML 7Page - Renesas Technology Corp M61201SP Datasheet HTML 8Page - Renesas Technology Corp M61201SP Datasheet HTML 9Page - Renesas Technology Corp M61201SP Datasheet HTML 10Page - Renesas Technology Corp M61201SP Datasheet HTML 11Page - Renesas Technology Corp M61201SP Datasheet HTML 12Page - Renesas Technology Corp M61201SP Datasheet HTML 13Page - Renesas Technology Corp M61201SP Datasheet HTML 14Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
TV SIGNAL PROCESSOR FOR MULTI SYSTEM
M61201SP
MITSUBISHI ICs (TV)
MITSUBISHI
ELECTRIC
Notice ; This is not a final specification.
Some parametric limits are subject to change.
PRELIMINARY
12
SPECIFICATION OF INTELLIGENT MONITOR
1) SUB ADDRESS : 12H D4 - D7 (4BIT)
2) OUTPUT PIN : PIN41
3) SPECIFICATION
DEC
12H OUTPUT
VCC
SPEC.
HEX SIGNAL
VOLTAGE
0
0
Composit Sync
8V
0/4.75V POSITIVE SYNC
1
1
AFT
8V
-6dB
2
2
RF AGC
8V
-6dB
3
3
TV/EXT SW OUT
5V
0dB
4
4
Audio Direct out
5V
0dB
5
5
EXT Audio
5V
-6dB
6
6
G OUT
8V
-6dB
7
7
R OUT
8V
-6dB
8
8
B OUT
8V
-6dB
9
9
ACL
5V
0dB
10
A
AUDIO BYPASS
5V
11
B
SCP OUT(pin6)
8V
-6dB
12
C
VIF Vcc
5V
0dB
13
D
START UP VCC(pin19)
8V
-9.5dB
14
E
VIDEO/CROMA VCC
(pin23,24,25)
5V
-6dB
15
F
HI VCC(pin44,45,46)
8V
-9.5dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com