Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M61201SP Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # M61201SP
Description  TV SIGNAL PROCESSOR FOR MULTI SYSTEM
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M61201SP Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button M61201SP Datasheet HTML 3Page - Renesas Technology Corp M61201SP Datasheet HTML 4Page - Renesas Technology Corp M61201SP Datasheet HTML 5Page - Renesas Technology Corp M61201SP Datasheet HTML 6Page - Renesas Technology Corp M61201SP Datasheet HTML 7Page - Renesas Technology Corp M61201SP Datasheet HTML 8Page - Renesas Technology Corp M61201SP Datasheet HTML 9Page - Renesas Technology Corp M61201SP Datasheet HTML 10Page - Renesas Technology Corp M61201SP Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
TV SIGNAL PROCESSOR FOR MULTI SYSTEM
M61201SP
MITSUBISHI ICs (TV)
MITSUBISHI
ELECTRIC
Notice ; This is not a final specification.
Some parametric limits are subject to change.
RGB Interface
Parameter
Condition
Pin No.
Min
Typ
Max
Unit
1H delay line
Dynam ic Range (Direct)
-
1.5
Vp-p
Dynam ic Range (Delay)
1.5
Vp-p
AC Gain (Direct)
-0.2
dB
AC Gain (Delay)
-0.2
dB
Direct-Delay AC Gain differnce
-1
0
+1
dB
Color Belt chracteristics 1
18,19,20
100
mV
Color Belt chracteristics 2
100
mV
1H delay time
64
µsec
Residual clock noise
3MHz
mVp-p
Matrix
Mix ratio R/B(PAL)
18,19,20
0.56
Mix ratio G/B(PAL)
0.32
R Matrix Gain UP Function(PAL):R/B
IIC 1bit
0.95
Mix ratio R/B(NTSC)
0.95
Mix ratio G/B(NTSC)
0.33
EXT RGB
Input level
(Pedestal Clamp)
23,28,30
0.7
Vp-p
Fast Blanking SW (TV)
27
1
V
Fast Blanking SW (Half Tone)
when 09HD4=L
27
2
3
V
Fast Blanking SW (EXT RGB)
when 09HD4=L
27
4
5
V
Fast Blanking SW (EXT RGB)
when 09HD4=H
27
2
5
V
EXT RGB Contrast Clip Function
IIC 1bit
18,19,20
EXT RGB Speed (rising edge)
18,19,20
20
nsec
EXT RGB Speed (falling edge)
18,19,20
20
nsec
Offset voltage between TV and external
RGB
18,19,20
0
mV
Blue Back Function
IIC 1bit
18,19,20
W hite Back Function
IIC 1bit
18,19,20
Color Cont
Color Control (Center)
18,19,20
V
Color Control Range
-45
4
dB
Color Control Step (around center bit)
IIC 7bit
dB/bit
Contrast
Contrast Control (center)
18,19,20
Vp-p
Contrast Control Range
-40
3
dB
Contrast Control Step (around center bit)
IIC 7bit
dB/bit
Bright
Brightness Control (center)
18,19,20
2.4
V
Brightness Control Range
-0.85
+0.85
V
Brightness Control Step
IIC 8bit
mV /bit
ABCL Gain
dB
Drive
Drive Control (center)
18,19,20
0
dB
Drive Control Range
-3
+3
dB
Drive Control Step
IIC 7bit
dB/bit
Cut Off
Cut Off Control Range
18,19,20
-0.9
+0.9
V
Cut Off Control Step
IIC 8bit
mV /bit
RGB OUT
Output Pedestal Voltage
18,19,20
2.4
V
Output Blanking Voltage
0.3
V
Clamp Ability
100
%
Maximum output current
4
mA
7
PRELIMINARY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com