Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M61201SP Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # M61201SP
Description  TV SIGNAL PROCESSOR FOR MULTI SYSTEM
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M61201SP Datasheet(HTML) 5 Page - Renesas Technology Corp

  M61201SP Datasheet HTML 1Page - Renesas Technology Corp M61201SP Datasheet HTML 2Page - Renesas Technology Corp M61201SP Datasheet HTML 3Page - Renesas Technology Corp M61201SP Datasheet HTML 4Page - Renesas Technology Corp M61201SP Datasheet HTML 5Page - Renesas Technology Corp M61201SP Datasheet HTML 6Page - Renesas Technology Corp M61201SP Datasheet HTML 7Page - Renesas Technology Corp M61201SP Datasheet HTML 8Page - Renesas Technology Corp M61201SP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
TV SIGNAL PROCESSOR FOR MULTI SYSTEM
M61201SP
MITSUBISHI ICs (TV)
MITSUBISHI
ELECTRIC
Notice ; This is not a final specification.
Some parametric limits are subject to change.
S IF
Parameter
Condition
Pin No.
Min
Typ
Max
Unit
Lim iter
Lim iting Sensitivity
-
-
43
50
dBµV
FM DET
Capture Range U
48
250
KHz
Capture Range L
-250
KHz
AF AMP
Direct Out Impedance
De-emp C=2200F
48
Kohm
Direct Out DC voltage
2.5
V
Direct Out Level(4.5MHz mode)
25KHz dev
600
mVrms
Direct Out Level(5.5MHz mode)
50KHz dev
600
mVrms
Direct Out Level(6.0MHz mode)
50KHz dev
600
mVrms
Direct Out Level(6.5MHz mode)
50KHz dev
600
mVrms
AMR
52
dB
THD (4.5MHz)
25KHz dev
1
%
THD (5.5MHz)
50KHz dev
1
%
S/N (4.5MHz)
input 100dBu
52
dB
S/N (5.5MHz)
input 100dBu
58
dB
MUTE SW
Suppression of Direct out
IIC 1bit
48
-60
dB
Audio SW
Crosstalk between internal and external
signal
IIC 1bit
45
-65
dB
Maxumum Input Amplitude
47
1
Vrms
EXT Audio Input Impedance
47
Kohm
Attenuator
Attenuation Gain (Max)
45
0
dB
Attenuation Gain (typ)
dB
Attenuation Gain (Min)
-65
dB
Control Step
IIC 7bit
dB/bit
V IDEO
Parameter
Condition
Pin No.
Min
Typ
Max
Unit
Video SW
TV/Y input voltage
36
1
1.4
Vp-p
EXT/C input voltage (CVBS)
34
1
1.4
Vp-p
EXT/C input voltage (Chrom inance)
Y/C mode
34
0.6
1
Vp-p
Video SW output Gain
38
6
dB
Video SW output Dynam ic Range
38
2.8
Vpp
Video SW F requency Response
38
10
MHz
Video SW C rosstalk (Ext->TV)
38
55
dB
Video SW C rosstalk (TV->EXT)
38
55
dB
Chroma Trap
Trap Frequency
18/19/20
-
fsc
-
MHz
Suppression at fsc
-30
-20
dB
Suppression at fsc+/-100KHz
-25
dB
Suppression at fsc+/-500KHz
-10
dB
Fine Adjust Frequency Range(4.43MHz)
IIC 2bit
-200
125
KHz
Fine Adjust Frequency Range(3.58MHz)
IIC 2bit
-150
125
KHz
Double Trap Suppression at fsc
IIC 1bit
-25
dB
Y Delay Line
Y Delay Time 1
IIC 2bit
18/19/20
125
nsec
Y Delay Time 2
250
nsec
Y Delay Time 3
400
nsec
Y Delay Time 4
550
nsec
Y Delay Fine Adjust
IIC 1bit
80
nsec
Video Tone
Emphasised Peaking Frequncy
18/19/20
2.5
MHz
Video Tone Control Range
-2.5
+10
dB
Control Step
IIC 6bit
dB/bit
W idth of preshoot or overshoot
160
nsec
Ratio of preshoot or overshoot
1
Black Stretch
Maximum black level shift
+6dB
18/19/20
25
IRE
Start Point
45
IRE
Stop Point
8
IRE
Black Stretch Control (Charge)
IIC 2bit
Video Mute
Video Mute Function
IIC 1bit
18/19/20
-38
dB
Ganma Cont Control Step
IIC 2bit
18/19/20
5
PRELIMINARY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com