Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F72115D160FPV Datasheet(PDF) 326 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 326 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 322Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 323Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 324Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 325Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 326Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 327Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 328Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 329Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 330Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 326 / 1228 page
background image
Section 9 Direct Memory Access Controller (DMAC)
Rev. 2.00 May. 08, 2008 Page 302 of 1200
REJ09B0344-0200
9.2
Input/Output Pins
The external pins for DMAC are described below. Table 9.1 lists the configuration of the pins that
are connected to external bus. DMAC has pins for four channels (channels 0 to 3) for external bus
use.
Table 9.1
Pin Configuration
Channel Name
Abbreviation I/O
Function
DMA transfer request DREQ0
I
DMA transfer request input from an
external device to channel 0
0
DMA transfer request
acknowledge
DACK0
O
DMA transfer request acknowledge
output from channel 0 to an external
device
DMA transfer request DREQ1
I
DMA transfer request input from an
external device to channel 1
1
DMA transfer request
acknowledge
DACK1
O
DMA transfer request acknowledge
output from channel 1 to an external
device
DMA transfer request DREQ2
I
DMA transfer request input from an
external device to channel 2
2
DMA transfer request
acknowledge
DACK2
O
DMA transfer request acknowledge
output from channel 2 to an external
device
DMA transfer request DREQ3
I
DMA transfer request input from an
external device to channel 3
3
DMA transfer request
acknowledge
DACK3
O
DMA transfer request acknowledge
output from channel 3 to an external
device
0
DMA transfer end
TEND0
O
DMA transfer end output for channel 0
1
DMA transfer end
TEND1
O
DMA transfer end output for channel 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com