Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F72115D160FPV Datasheet(PDF) 323 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 323 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 319Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 320Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 321Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 322Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 323Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 324Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 325Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 326Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 327Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 323 / 1228 page
background image
Section 9 Direct Memory Access Controller (DMAC)
Rev. 2.00 May. 08, 2008 Page 299 of 1200
REJ09B0344-0200
Section 9 Direct Memory Access Controller (DMAC)
The DMAC can be used in place of the CPU to perform high-speed transfers between external
devices that have DACK (transfer request acknowledge signal), external memory, on-chip
memory, memory-mapped external devices, and on-chip peripheral modules.
9.1
Features
• Number of channels: Eight channels (channels 0 to 7) selectable
Four channels (channels 0 to 3) can receive external requests.
• 4-Gbyte physical address space
• Transfer data length is selectable: Byte, word (two bytes), longword (four bytes), and 16 bytes
(longword
× 4)
• Maximum transfer count: 16,777,216 transfers (24 bits)
• Address mode: Dual address mode and single address mode are supported.
• Transfer requests
⎯ External request
⎯ On-chip peripheral module request
⎯ Auto request
The following modules can issue on-chip peripheral module requests.
⎯ Eight SCIF sources, two IIC3 sources, one A/D converter source, five MTU2 sources, and
two CMT sources
• Selectable bus modes
⎯ Cycle steal mode (normal mode and intermittent mode)
⎯ Burst mode
• Selectable channel priority levels: The channel priority levels are selectable between fixed
mode and round-robin mode.
• Interrupt request: An interrupt request can be sent to the CPU on completion of half- or full-
data transfer. Through the HE and HIE bits in CHCR, an interrupt is specified to be issued to
the CPU when half of the initially specified DMA transfer is completed.
• External request detection: There are following four types of DREQ input detection.
⎯ Low level detection
⎯ High level detection
⎯ Rising edge detection
⎯ Falling edge detection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com