Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F72115D160FPV Datasheet(PDF) 321 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 321 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 317Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 318Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 319Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 320Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 321Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 322Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 323Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 324Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 325Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 321 / 1228 page
background image
Section 8 Bus State Controller (BSC)
Rev. 2.00 May. 08, 2008 Page 297 of 1200
REJ09B0344-0200
peripheral bus (the example in figure 8.41 is for 4 × B
φ). Therefore, when Bφ:Pφ is 4:1, data is
transferred from the I bus to the peripheral bus in time (1+m) × B
φ, where m = 0 to 3 periods.
Note that the relationship between the timing with which the data appears on the I bus and the P
φ
rising edge depends on the program execution state. In figure 8.41, since n = 0 and m = 3, the
access time will be 2 × I
φ + 4 × Bφ + 2 × Pφ.
I
φ
C bus
B
φ
I bus
P
φ
Peripheral bus
(2+n) × I
φ
(1+m) × B
φ
2 × P
φ
Figure 8.41 Internal Peripheral I/O Register Timing when I
φ:Bφ:Pφ = 4:4:1
Figure 8.42 shows an example of the write timing to the peripheral bus when the relationship
between the clocks is I
φ:Bφ:Pφ = 4:2:1. Although transfers from the C bus to the peripheral bus
are performed the same way for write, for read, the value read from the peripheral bus must be
transferred to the CPU. Although the transfers from the peripheral bus to the I bus and from the I
bus to the C bus are all performed on the corresponding bus clock rising edge, since I
φ ≥ Bφ ≥ Pφ,
(2 + 1) × I
φ periods are actually required. In the example in figure 8.42, since n = 1, m = 1, and i =
1, the access period will be 3 × I
φ + 2 × Bφ + 2 × Pφ + 3 × Iφ.
I
φ
C bus
B
φ
I bus
P
φ
Peripheral bus
(2+n) × I
φ
(1+m) × B
φ
(2+I) × I
φ
2 × P
φ
Figure 8.42 Internal Peripheral I/O Register Timing when I
φ:Bφ:Pφ = 4:2:1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com