Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F72115D160FPV Datasheet(PDF) 320 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 320 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 316Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 317Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 318Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 319Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 320Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 321Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 322Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 323Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 324Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 320 / 1228 page
background image
Section 8 Bus State Controller (BSC)
Rev. 2.00 May. 08, 2008 Page 296 of 1200
REJ09B0344-0200
and then executes a SLEEP instruction. The code must, however, perform a dummy read of the
STBCR register before executing the SLEEP instruction. If the dummy read is not performed, the
CPU will execute the SLEEP instruction before the STBY bit is set to 1, and the system will not
switch to the intended software standby mode, but rather will switch to sleep mode. The dummy
read of the STBCR register is required to wait for the write to the STBY bit to complete.
In other cases as well, application code should perform a dummy read of the same register after a
register write instruction and only then execute the following instructions for the intended purpose
to assure that the changes due to internal register writes are reflected when the following
instructions are executed as in this example.
The table below lists the number of access cycles required for CPU accesses to the on-chip
peripheral module registers.
Table 8.20
On-Chip Peripheral Module Register Access Cycle Counts
Access Cycles
Write
(2+n)
× Iφ + (1+m) × Bφ + 2 × Pφ
Read
(2+n)
× Iφ + (1+m) × Bφ + 2 × Pφ + (2+I) × Iφ
Note:
These are the numbers of cycles when the instruction is executed from internal ROM or
internal RAM.
When I
φ:Bφ is 1:1; n = 0, I = 0
When I
φ:Bφ is 2:1; n = 0 or 1, I = 1
When I
φ:Bφ is 4:1; n = 0 to 3, I = 2
When I
φ:Bφ is 8:1; n = 0 to 7, I = 2
When B
φ:Pφ is 1:1; m = 0
When B
φ:Pφ is 2:1; m = 0 or 1
When B
φ:Pφ is 4:1; m = 0 to 3
Note that n and m depend on the internal execution state.
This product adopts synchronized logic and has a hierarchical bus structure. Data input and output
for each of the busses is synchronized with the rising edge of the I
φ clock for the C bus, the Bφ
clock for the I bus, and the P
φ clock for the peripheral bus.
Figure 8.41 shows an example of the write timing to the peripheral bus when the relationship
between the clocks is I
φ:Bφ:Pφ = 4:4:1. Data is output in synchronization with Iφ to the C bus, to
which the CPU is connected. When I
φ:Bφ is 1:1, 2 × Iφ + Bφ periods are required for data
transfers from the C bus to the I bus. For transfers from the I bus to the peripheral bus when B
φ:Pφ
is 4:1, since there are four clock cycles during a single P
φ clock period, the timing with which the
data is placed on the peripheral bus is as follows: there are four timings for P
φ × 1, and up to 4 Bφ
periods are required for the P
φ rising edge, which is the timing for transfers from the I bus to the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com