Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F72115D160FPV Datasheet(PDF) 319 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 319 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 315Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 316Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 317Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 318Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 319Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 320Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 321Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 322Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 323Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 319 / 1228 page
background image
Section 8 Bus State Controller (BSC)
Rev. 2.00 May. 08, 2008 Page 295 of 1200
REJ09B0344-0200
8.5.12
Others
(1)
Reset
The bus state controller (BSC) can be initialized completely only at power-on reset. At power-on
reset, all signals are negated and data output buffers are turned off regardless of the bus cycle state
after the internal reset is synchronized with the internal clock. All control registers are initialized.
In standby, sleep, and manual reset, control registers of the bus state controller are not initialized.
At manual reset, only the current bus cycle being executed is completed. Since the RTCNT
continues counting up during manual reset signal assertion, a refresh request occurs to initiate the
refresh cycle.
(2)
Access from the Side of the LSI Internal Bus Master
Since the bus state controller (BSC) incorporates a one-stage write buffer, the BSC can execute an
access via the internal bus before the previous external bus cycle is completed in a write cycle. If
the on-chip module is read or written after the external low-speed memory is written, the on-chip
module can be accessed before the completion of the external low-speed memory write cycle.
In read cycles, the CPU is placed in the wait state until read operation has been completed. To
continue the process after the data write to the device has been completed, perform a dummy read
to the same address to check for completion of the write before the next process to be executed.
The write buffer of the BSC functions in the same way for an access by a bus master other than
the CPU such as the DMAC. Accordingly, to perform dual address DMA transfers, the next read
cycle is initiated before the previous write cycle is completed. Note, however, that if both the
DMA source and destination addresses exist in external memory space, the next write cycle will
not be initiated until the previous write cycle is completed.
Changing the registers in the BSC while the write buffer is operating may disrupt correct write
access. Therefore, do not change the registers in the BSC immediately after a write access. If this
change becomes necessary, do it after executing a dummy read of the write data.
(3)
On-Chip Peripheral Module Access
Access to the on-chip peripheral module registers from the internal bus requires 2 or more cycles
of the peripheral module clock (P
φ). When the CPU writes to an on-chip peripheral register,
however, the CPU can execute the following instructions without waiting for the register write to
complete.
This section describes the case where the system switches to software standby mode to reduce
power consumption as an example. In this case, the code sets the STBCR register STBY bit to 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com