Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F72115D160FPV Datasheet(PDF) 315 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 315 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 311Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 312Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 313Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 314Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 315Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 316Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 317Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 318Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 319Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 315 / 1228 page
background image
Section 8 Bus State Controller (BSC)
Rev. 2.00 May. 08, 2008 Page 291 of 1200
REJ09B0344-0200
Table 8.19
Number of Idle Cycles Inserted between Access Cycles to Different Memory
Types
Next Cycle
Previous Cycle SRAM
Burst ROM
(Asynchronous)
MPX-
I/O
Byte SRAM
(BAS = 0)
Byte SRAM
(BAS = 1)
SDRAM
SDRAM
(Low-Frequency
Mode)
Burst ROM
(Synchronous)
SRAM
0
0
1
0
1
1
1.5
0
Burst ROM
(asynchronous)
0
0
1
0
1
1
1.5
0
MPX-I/O
1
1
0
1
1
1
1.5
1
Byte SRAM
(BAS = 0)
0
0
1
0
1
1
1.5
0
Byte SRAM
(BAS = 1)
1
1
2
1
0
0
1.5
1
SDRAM
1
1
2
1
0
0
⎯
1
SDRAM
(low-frequency
mode)
1.5
1.5
2.5
1.5
0.5
⎯
1
1.5
Burst ROM
(synchronous)
0
0
1
0
1
1
1.5
0
Figure 8.39 shows sample estimation of idle cycles between access cycles. In the actual operation,
the idle cycles may become shorter than the estimated value due to the write buffer effect or may
become longer due to internal bus idle cycles caused by stalling in the pipeline due to CPU
instruction execution or CPU register conflicts. Please consider these errors when estimating the
idle cycles.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com