Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F72115D160FPV Datasheet(PDF) 314 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 314 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 310Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 311Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 312Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 313Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 314Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 315Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 316Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 317Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 318Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 314 / 1228 page
background image
Section 8 Bus State Controller (BSC)
Rev. 2.00 May. 08, 2008 Page 290 of 1200
REJ09B0344-0200
Table 8.17
Minimum Number of Idle Cycles on Internal Bus (CPU Operation)
Clock Ratio (I
φ:Bφ)
CPU Operation
4:1
2:1
1:1
Write
→ write
2
2
3
Write
→ read
0
0
1
Read
→ write
2
2
3
Read
→ read
0
0
1
Table 8.18
Minimum Number of Idle Cycles on Internal Bus (DMAC Operation)
Transfer Mode
DMAC Operation
Dual Address
Single Address
Write
→ write
0
2
Write
→ read
0 or 2
0
Read
→ write
0
0
Read
→ read
0
2
Notes: 1. The write
→ write and read → read columns in dual address transfer indicate the cycles
in the divided access cycles.
2. For the write
→ read cycles in dual address transfer, 0 means different channels are
activated successively and 2 means when the same channel is activated successively.
3. The write
→ read and read → write columns in single address transfer indicate the case
when different channels are activated successively. The "write" means transfer from a
device with DACK to external memory and the "read" means transfer from external
memory to a device with DACK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com