Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F72115D160FPV Datasheet(PDF) 312 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 312 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 308Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 309Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 310Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 311Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 312Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 313Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 314Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 315Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 316Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 312 / 1228 page
background image
Section 8 Bus State Controller (BSC)
Rev. 2.00 May. 08, 2008 Page 288 of 1200
REJ09B0344-0200
No. Condition
Description
Range
Note
(5)
Read data
transfer cycle
One idle cycle is inserted after a
read access is completed. This idle
cycle is not generated for the first or
middle cycles in divided access
cycles. This is neither generated
when the HM[1:0] bits in CSnWCR
are not B'00.
0 or 1
One idle cycle is always
generated after a read cycle
with SDRAM interface.
(6)
Internal bus
idle cycles, etc.
External bus access requests from
the CPU or DMAC and their results
are passed through the internal
bus. The external bus enters idle
state during internal bus idle cycles
or while a bus other than the
external bus is being accessed.
This condition is not effective for
divided access cycles, which are
generated by the BSC when the
access size is larger than the
external data bus width.
0 or
larger
The number of internal bus
idle cycles may not become 0
depending on the I
φ:Bφ clock
ratio. Tables 8.17 and 8.18
show the relationship
between the clock ratio and
the minimum number of
internal bus idle cycles.
(7)
Write data wait
cycles
During write access, a write cycle is
executed on the external bus only
after the write data becomes ready.
This write data wait period
generates idle cycles before the
write cycle. Note that when the
previous cycle is a write cycle and
the internal bus idle cycles are
shorter than the previous write
cycle, write data can be prepared in
parallel with the previous write cycle
and therefore, no idle cycle is
generated (write buffer effect).
0 or 1
For write
→ write or write →
read access cycles,
successive access cycles
without idle cycles are
frequently available due to
the write buffer effect
described in the left column. If
successive access cycles
without idle cycles are not
allowed, specify the minimum
number of idle cycles
between access cycles
through CSnBCR.
(8)
Idle cycles
between
different
memory types
To ensure the minimum pulse width
on the signal-multiplexed pins, idle
cycles may be inserted before
access after memory types are
switched. For some memory types,
idle cycles are inserted even when
memory types are not switched.
0 to 2.5 The number of idle cycles
depends on the target
memory types. See table
8.19.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com