Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F72115D160FPV Datasheet(PDF) 309 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 309 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 305Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 306Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 307Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 308Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 309Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 310Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 311Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 312Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 313Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 309 / 1228 page
background image
Section 8 Bus State Controller (BSC)
Rev. 2.00 May. 08, 2008 Page 285 of 1200
REJ09B0344-0200
8.5.9
Burst ROM (Clock Synchronous) Interface
The burst ROM (clock synchronous) interface is supported to access a ROM with a synchronous
burst function at high speed. The burst ROM interface accesses the burst ROM in the same way as
a normal space. This interface is valid only for area 0.
In the first access cycle, wait cycles are inserted. In this case, the number of wait cycles to be
inserted is specified by the W3 to W0 bits in CS0WCR. In the second and subsequent cycles, the
number of wait cycles to be inserted is specified by the BW1 and BW0 bits in CS0WCR.
While the burst ROM (clock synchronous) is accessed, the
BS signal is asserted only for the first
access cycle and an external wait input is also valid for the first access cycle.
If the bus width is 16 bits, the burst length must be specified as 8. The burst ROM interface does
not support the 8-bit bus width for the burst ROM.
The burst ROM interface performs burst operations for all read access. For example, in a
longword access over a 16-bit bus, valid 16-bit data is read two times and invalid 16-bit data is
read six times. These invalid data read cycles increase the memory access time and degrade the
program execution speed and DMA transfer speed. To prevent this problem, using 16-byte read by
the DMA is recommended. The burst ROM interface performs write access in the same way as
normal space access.
Twb
T1
T2
Tw
T2B
Tw
T2B
Twb
Twb
T2B
T2B
Twb
Twb
T2B
T2B
Twb
T2B
Twb
Note: * The waveform for DACKn is when active low is specified.
CK
CS0
RD/
WR
A25 to A0
RD
D15 to D0
WAIT
BS
DACKn*
Figure 8.37 Burst ROM Access Timing (Clock Synchronous)
(Burst Length = 8, Wait Cycles Inserted in First Access = 2,
Wait Cycles Inserted in Second and Subsequent Access Cycles = 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com