Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F72115D160FPV Datasheet(PDF) 346 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 346 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 342Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 343Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 344Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 345Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 346Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 347Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 348Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 349Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 350Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 346 / 1228 page
background image
Section 9 Direct Memory Access Controller (DMAC)
Rev. 2.00 May. 08, 2008 Page 322 of 1200
REJ09B0344-0200
Bit
Bit Name
Initial
Value
R/W
Description
9, 8
PR[1:0]
00
R/W
Priority Mode
These bits select the priority level between channels
when there are transfer requests for multiple channels
simultaneously.
00: Fixed mode 1: CH0 > CH1 > CH2 > CH3 > CH4 >
CH5 > CH6 > CH7
01: Fixed mode 2: CH0 > CH4 > CH1 > CH5 > CH2 >
CH6 > CH3 > CH7
10: Setting prohibited
11: Round-robin mode (only supported in CH0 to CH3)
7 to 3
⎯
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.
2
AE
0
R/(W)* Address Error Flag
Indicates whether an address error has occurred by
the DMAC. When this bit is set, even if the DE bit in
CHCR and the DME bit in DMAOR are set to 1, DMA
transfer is not enabled. This bit can only be cleared by
writing 0 after reading 1.
0: No DMAC address error
1: DMAC address error occurred
[Clearing condition]
• Writing 0 after reading AE = 1
1
NMIF
0
R/(W)* NMI Flag
Indicates that an NMI interrupt occurred. When this bit
is set, even if the DE bit in CHCR and the DME bit in
DMAOR are set to 1, DMA transfer is not enabled. This
bit can only be cleared by writing 0 after reading 1.
When the NMI is input, the DMA transfer in progress
can be done in one transfer unit. Even if the NMI
interrupt is input while the DMAC is not in operation,
the NMIF bit is set to 1.
0: No NMI interrupt
1: NMI interrupt occurred
[Clearing condition]
• Writing 0 after reading NMIF = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com