Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F72115D160FPV Datasheet(PDF) 347 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 347 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 343Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 344Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 345Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 346Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 347Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 348Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 349Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 350Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 351Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 347 / 1228 page
background image
Section 9 Direct Memory Access Controller (DMAC)
Rev. 2.00 May. 08, 2008 Page 323 of 1200
REJ09B0344-0200
Bit
Bit Name
Initial
Value
R/W
Description
0
DME
0
R/W
DMA Master Enable
Enables or disables DMA transfer on all channels. If
the DME bit and DE bit in CHCR are set to 1, DMA
transfer is enabled.
However, transfer is enabled only when the TE bit in
CHCR of the transfer corresponding channel, the NMIF
bit in DMAOR, and the AE bit are all cleared to 0.
Clearing the DME bit to 0 can terminate the DMA
transfer on all channels.
0: DMA transfer is disabled on all channels
1: DMA transfer is enabled on all channels
Note:
*
Only 0 can be written to clear the flag after 1 is read.
If the priority mode bits are modified after a DMA transfer, the channel priority is initialized. If
fixed mode 2 is specified, the channel priority is specified as CH0 > CH4 > CH1 > CH5 > CH2 >
CH6 > CH3 > CH7. If fixed mode 1 is specified, the channel priority is specified as CH0 > CH1 >
CH2 > CH3 > CH4 > CH5 > CH6 > CH7. If round-robin mode is specified, the transfer end
channel is reset.
Table 9.3 show the priority change in each mode (modes 0 to 2) specified by the priority mode
bits. In each priority mode, the channel priority to accept the next transfer request may change in
up to three ways according to the transfer end channel.
For example, when the transfer end channel is channel 1, the priority of the channel to accept the
next transfer request is specified as CH2 > CH3 > CH0 >CH1 > CH4 > CH5 > CH6 > CH7. When
the transfer end channel is any one of the channels 4 to 7, round-robin will not be applied and the
priority level is not changed at the end of transfer in the channels 4 to 7.
The DMAC internal operation for an address error is as follows:
• No address error: Read (source to DMAC) → Write (DMAC to destination)
• Address error in source address: Nop → Nop
• Address error in destination address: Read → Nop



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com