Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F72115D160FPV Datasheet(PDF) 367 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 367 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 363Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 364Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 365Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 366Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 367Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 368Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 369Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 370Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 371Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 367 / 1228 page
background image
Section 9 Direct Memory Access Controller (DMAC)
Rev. 2.00 May. 08, 2008 Page 343 of 1200
REJ09B0344-0200
Table 9.10
Relationship of Request Modes and Bus Modes by DMA Transfer Category
Address
Mode
Transfer Category
Request
Mode
Bus
Mode
Transfer
Size (Bits)
Usable
Channels
External device with DACK and external memory
External
B/C
8/16/32/128
0 to 3
External device with DACK and memory-mapped
external device
External
B/C
8/16/32/128
0 to 3
External memory and external memory
All*
4
B/C
8/16/32/128
0 to 7*
3
External memory and memory-mapped external
device
All*
4
B/C
8/16/32/128
0 to 7*
3
Memory-mapped external device and memory-
mapped external device
All*
4
B/C
8/16/32/128
0 to 7*
3
External memory and on-chip peripheral module
All*
1
B/C*
5
8/16/32/128*
2
0 to 7*
3
Memory-mapped external device and
on-chip peripheral module
All*
1
B/C*
5
8/16/32/128*
2
0 to 7*
3
On-chip peripheral module and on-chip peripheral
module
All*
1
B/C*
5
8/16/32/128*
2
0 to 7*
3
On-chip memory and on-chip memory
All*
4
B/C
8/16/32/128
0 to 7*
3
On-chip memory and memory-mapped external
device
All*
4
B/C
8/16/32/128
0 to 7*
3
On-chip memory and on-chip peripheral module
All*
1
B/C*
5
8/16/32/128*
2
0 to 7*
3
Dual
On-chip memory and external memory
All*
4
B/C
8/16/32/128
0 to 7*
3
Single
External device with DACK and external memory
External
B/C
8/16/32/128
0 to 3
External device with DACK and memory-mapped
external device
External
B/C
8/16/32/128
0 to 3
[Legend]
B: Burst
C: Cycle steal
Notes: 1. External requests, auto requests, and on-chip peripheral module requests are all
available. However, along with the exception of CMT and MTU2 as the transfer request
source, the requesting module must be designated as the transfer source or the
transfer destination.
2. Access size permitted for the on-chip peripheral module register functioning as the
transfer source or transfer destination.
3. If the transfer request is an external request, channels 0 to 3 are only available.
4. External requests, auto requests, and on-chip peripheral module requests are all
available. In the case of on-chip peripheral module requests, however, the CMT and
MTU2 are only available.
5. Only cycle steal except for the MTU2 and CMT as the transfer request source.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com