Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F72115D160FPV Datasheet(PDF) 368 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 368 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 364Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 365Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 366Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 367Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 368Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 369Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 370Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 371Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 372Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 368 / 1228 page
background image
Section 9 Direct Memory Access Controller (DMAC)
Rev. 2.00 May. 08, 2008 Page 344 of 1200
REJ09B0344-0200
(4)
Bus Mode and Channel Priority
In priority fixed mode (CH0 > CH1), when channel 1 is transferring data in burst mode and a
request arrives for transfer on channel 0, which has higher-priority, the data transfer on channel 0
will begin immediately. In this case, if the transfer on channel 0 is also in burst mode, the transfer
on channel 1 will only resume on completion of the transfer on channel 0.
When channel 0 is in cycle steal mode, one transfer-unit of data on this channel, which has the
higher priority, is transferred. Data is then transferred continuously to channel 1 without releasing
the bus. The bus mastership will then switch between the two in this order: channel 0, channel 1,
channel 0, channel 1, etc. That is, the CPU cycle after the data transfer in cycle steal mode is
replaced with a burst-mode transfer cycle (priority execution of burst-mode cycle). An example of
this is shown in figure 9.12.
When multiple channels are in burst mode, data transfer on the channel that has the highest
priority is given precedence. When DMA transfer is being performed on multiple channels, the
bus mastership is not released to another bus-master device until all of the competing burst-mode
transfers have been completed.
CPU
DMA
CH1
DMA
CH1
DMA
CH0
DMA
CH1
DMA
CH0
DMA
CH1
DMA
CH1
CPU
CH0
CH1
CH0
DMAC CH0 and CH1
Cycle steal mode
DMAC CH1
Burst mode
CPU
CPU
Priority: CH0 > CH1
CH0: Cycle steal mode
CH1: Burst mode
DMAC CH1
Burst mode
Figure 9.12 Bus State when Multiple Channels are Operating
In round-robin mode, the priority changes as shown in figure 9.3. Note that channels in cycle steal
and burst modes must not be mixed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com