Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F72115D160FPV Datasheet(PDF) 199 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 199 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 195Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 196Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 197Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 198Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 199Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 200Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 201Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 202Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 203Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 199 / 1228 page
background image
Section 8 Bus State Controller (BSC)
Rev. 2.00 May. 08, 2008 Page 175 of 1200
REJ09B0344-0200
Section 8 Bus State Controller (BSC)
The bus state controller (BSC) outputs control signals for various types of memory that is
connected to the external address space and external devices. BSC functions enable this LSI to
connect directly with SRAM, SDRAM, and other memory storage devices, and external devices.
8.1
Features
The BSC has the following features.
1. External address space
⎯ A maximum of 64 Mbytes for each of areas CS0 to CS7.
⎯ Can specify the normal space interface, SRAM interface with byte selection, burst ROM
(clock synchronous or asynchronous), MPX-I/O, and SDRAM for each address space.
⎯ Can select the data bus width (8 or 16 bits) for each address space.
⎯ Controls insertion of wait cycles for each address space.
⎯ Controls insertion of wait cycles for each read access and write access.
⎯ Can set independent idle cycles during the continuous access for five cases: read-write (in
same space/different spaces), read-read (in same space/different spaces), the first cycle is a
write access.
2. Normal space interface
⎯ Supports the interface that can directly connect to the SRAM.
3. Burst ROM interface (clock asynchronous)
⎯ High-speed access to the ROM that has the page mode function.
4. MPX-I/O interface
⎯ Can directly connect to a peripheral LSI that needs an address/data multiplexing.
5. SDRAM interface
⎯ Can set the SDRAM in up to two areas.
⎯ Multiplex output for row address/column address.
⎯ Efficient access by single read/single write.
⎯ High-speed access in bank-active mode.
⎯ Supports an auto-refresh and self-refresh.
⎯ Supports low-frequency and power-down modes.
⎯ Issues MRS and EMRS commands.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com