Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F72115D160FPV Datasheet(PDF) 197 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 197 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 193Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 194Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 195Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 196Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 197Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 198Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 199Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 200Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 201Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 197 / 1228 page
background image
Section 7 User Break Controller (UBC)
Rev. 2.00 May. 08, 2008 Page 173 of 1200
REJ09B0344-0200
7.5
Usage Notes
1. The CPU can read from or write to the UBC registers via the I bus. Accordingly, during the
period from executing an instruction to rewrite the UBC register till the new value is actually
rewritten, the desired break may not occur. In order to know the timing when the UBC register
is changed, read from the last written register. Instructions after then are valid for the newly
written register value.
2. The UBC cannot monitor access to the C bus and I bus cycles in the same channel.
3. When a user break interrupt request and another exception source occur at the same
instruction, which has higher priority is determined according to the priority levels defined in
table 5.1 in section 5, Exception Handling. If an exception source with higher priority occurs,
the user break interrupt request is not received.
4. Note the following when a break occurs in a delay slot.
If a pre-execution break is set at a delay slot instruction, the user break interrupt request is not
received immediately before execution of the branch destination.
5. User breaks are disabled during UBC module standby mode. Do not read from or write to the
UBC registers during UBC module standby mode; the values are not guaranteed.
6. Do not set an address within an interrupt exception handling routine whose interrupt priority
level is at least 15 (including user break interrupts) as a break address.
7. Do not set break after instruction execution for the SLEEP instruction or for the delayed
branch instruction where the SLEEP instruction is placed at its delay slot.
8. When setting a break for a 32-bit instruction, set the address where the upper 16 bits are
placed. If the address of the lower 16 bits is set and a break before instruction execution is set
as a break condition, the break is handled as a break after instruction execution.
9. Do not set a user break before instruction execution for the instruction following the DIVU or
DIVS instruction. If a user break before instruction execution is set for the instruction
following the DIVU or DIVS instruction and an exception or interrupt occurs during execution
of the DIVU or DIVS instruction, a user break occurs before instruction execution even though
execution of the DIVU or DIVS instruction is halted.
10. Do not set a user break both before instruction execution and after instruction execution for
instruction of the same address. If, for example, a user break before instruction execution on
channel 0 and a user break after instruction on channel 1 are set at the instruction of the same
address, the condition match flag for the channel 1 is set even though a user break on channel 0
occurs before instruction execution.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com