Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F72115D160FPV Datasheet(PDF) 193 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 193 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 189Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 190Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 191Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 192Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 193Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 194Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 195Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 196Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 197Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 193 / 1228 page
background image
Section 7 User Break Controller (UBC)
Rev. 2.00 May. 08, 2008 Page 169 of 1200
REJ09B0344-0200
7.4.4
Value of Saved Program Counter
When a break occurs, the address of the instruction from where execution is to be resumed is
saved to the stack, and the exception handling state is entered. If the C bus (FAB)/instruction fetch
cycle is specified as a break condition, the instruction at which the break should occur can be
uniquely determined. If the C bus/data access cycle or I bus/data access cycle is specified as a
break condition, the instruction at which the break should occur cannot be uniquely determined.
1. When C bus (FAB)/instruction fetch (before instruction execution) is specified as a break
condition:
The address of the instruction that matched the break condition is saved to the stack. The
instruction that matched the condition is not executed, and the break occurs before it. However
when a delay slot instruction matches the condition, the instruction is executed, and the branch
destination address is saved to the stack.
2. When C bus (FAB)/instruction fetch (after instruction execution) is specified as a break
condition:
The address of the instruction following the instruction that matched the break condition is
saved to the stack. The instruction that matches the condition is executed, and the break occurs
before the next instruction is executed. However when a delayed branch instruction or delay
slot matches the condition, the instruction is executed, and the branch destination address is
saved to the stack.
3. When C bus/data access cycle or I bus/data access cycle is specified as a break condition:
The address after executing several instructions of the instruction that matched the break
condition is saved to the stack.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com