Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F72115D160FPV Datasheet(PDF) 190 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 190 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 186Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 187Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 188Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 189Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 190Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 191Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 192Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 193Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 194Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 190 / 1228 page
background image
Section 7 User Break Controller (UBC)
Rev. 2.00 May. 08, 2008 Page 166 of 1200
REJ09B0344-0200
7.4
Operation
7.4.1
Flow of the User Break Operation
The flow from setting of break conditions to user break interrupt exception handling is described
below:
1. The break address is set in a break address register (BAR). The masked address bits are set in a
break address mask register (BAMR). The bus break conditions are set in the break bus cycle
register (BBR). Three control bit groups of BBR (C bus cycle/I bus cycle select, instruction
fetch/data access select, and read/write select) are each set. No user break will be generated if
even one of these groups is set to 00. The relevant break control conditions are set in the bits of
the break control register (BRCR). Make sure to set all registers related to breaks before setting
BBR, and branch after reading from the last written register. The newly written register values
become valid from the instruction at the branch destination.
2. In the case where the break conditions are satisfied, the UBC sends a user break interrupt
request to the CPU, sets the C bus condition match flag (SCMFC) or I bus condition match
flag (SCMFD) for the appropriate channel, and outputs a pulse to the
UBCTRG pin with the
width set by the CKS1 and CKS0 bits. Setting the UBID bit in BBR to 1 enables external
monitoring of the trigger output without requesting user break interrupts.
3. On receiving a user break interrupt request signal, the INTC determines its priority. Since the
user break interrupt has a priority level of 15, it is accepted when the priority level set in the
interrupt mask level bits (I3 to I0) of the status register (SR) is 14 or lower. If the I3 to I0 bits
are set to a priority level of 15, the user break interrupt is not accepted, but the conditions are
checked, and condition match flags are set if the conditions match. For details on ascertaining
the priority, see section 6, Interrupt Controller (INTC).
4. Condition match flags (SCMFC and SCMFD) can be used to check which condition has been
satisfied. They are set when the conditions match, but are not reset. To use these flags again,
write 0 to the corresponding bit of the flags.
5. It is possible that the breaks set in channels 0 to 3 occur around the same time. In this case,
there will be only one user break request to the CPU, but these four break channel match flags
may be set at the same time.
6. When selecting the I bus as the break condition, note as follows:
⎯ Several bus masters, including the CPU and DMAC, are connected to the I bus. The UBC
monitors bus cycles generated by the bus master specified by BBR, and determines the
condition match.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com