Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F72115D160FPV Datasheet(PDF) 192 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 192 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 188Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 189Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 190Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 191Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 192Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 193Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 194Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 195Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 196Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 192 / 1228 page
background image
Section 7 User Break Controller (UBC)
Rev. 2.00 May. 08, 2008 Page 168 of 1200
REJ09B0344-0200
7.4.3
Break on Data Access Cycle
1. If the C bus is specified as a break condition for data access break, condition comparison is
performed for the virtual address accessed by the executed instructions, and a break occurs if
the condition is satisfied. If the I bus is specified as a break condition, condition comparison is
performed for the physical address of the data access cycles that are issued by the bus master
specified by the bits to select the bus master of the I bus, and a break occurs if the condition is
satisfied. For details on the CPU bus cycles issued on the I bus, see 6 in section 7.4.1, Flow of
the User Break Operation.
2. The relationship between the data access cycle address and the comparison condition for each
operand size is listed in table 7.3.
Table 7.3
Data Access Cycle Addresses and Operand Size Comparison Conditions
Access Size
Address Compared
Longword
Compares break address register bits 31 to 2 to address bus bits 31 to 2
Word
Compares break address register bits 31 to 1 to address bus bits 31 to 1
Byte
Compares break address register bits 31 to 0 to address bus bits 31 to 0
This means that when address H'00001003 is set in the break address register (BAR), for
example, the bus cycle in which the break condition is satisfied is as follows (where other
conditions are met).
Longword access at H'00001000
Word access at H'00001002
Byte access at H'00001003
3. If the data access cycle is selected, the instruction at which the break will occur cannot be
determined.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com