Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F72115D160FPV Datasheet(PDF) 209 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 209 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 205Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 206Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 207Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 208Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 209Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 210Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 211Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 212Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 213Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 209 / 1228 page
background image
Section 8 Bus State Controller (BSC)
Rev. 2.00 May. 08, 2008 Page 185 of 1200
REJ09B0344-0200
Bit
Bit Name
Initial
Value
R/W
Description
3
⎯
0
R
Reserved
These bits are always read as 0. The write value
should always be 0.
2
HIZCKIO
0
R/W
High-Z CK Control
Specifies the state in CK standby mode and when bus
mastership is released.
0: CK is in high impedance state in standby mode and
bus-released state.
1: CK is driven in standby mode and bus-released
state.
1
HIZMEM
0
R/W
High-Z Memory Control
Specifies the pin state in standby mode for A25 to A0,
BS, CSn, RD/WR, WEn/DQMxx, AH, and RD. At bus-
released state, these pins are in high-impedance state
regardless of the setting value of the HIZMEM bit.
0: High impedance in standby mode.
1: Driven in standby mode
0
HIZCNT
0
R/W
High-Z Control
Specifies the state in standby mode and bus-released
state for CKE,
RASL, and CASL.
0: CKE,
RASL, and CASL are in high-impedance state
in standby mode and bus-released state.
1: CKE,
RASL, and CASL are driven in standby mode
and bus-released state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com