Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F72115D160FPV Datasheet(PDF) 210 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 210 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 206Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 207Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 208Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 209Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 210Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 211Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 212Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 213Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 214Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 210 / 1228 page
background image
Section 8 Bus State Controller (BSC)
Rev. 2.00 May. 08, 2008 Page 186 of 1200
REJ09B0344-0200
8.4.2
CSn Space Bus Control Register (CSnBCR) (n = 0 to 7)
CSnBCR is a 32-bit readable/writable register that specifies the type of memory connected to a
space, data bus width of an area, endian, and the number of waits between access cycles. This
register is initialized to H'36DB0x00 by a power-on reset and retains the value by a manual reset
and in software standby mode.
Do not access external memory other than area 0 until CSnBCR initial setting is completed.
Idle cycles may be inserted even when they are not specified. For details, see section 8.5.10, Wait
between Access Cycles.
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0011011011011011
R
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
00000
1*
1*
000000000
R
R/W
R/W
R/W
R/W
R/W
R/W
R
R
R
R
R
R
R
R
R
Bit:
Initial value:
R/W:
Bit:
Initial value:
R/W:
Note:
CSnBCR samples the external pins (MD1 and MD0) that specify the bus width at power-on reset.
*
-
IWW[2:0]
IWRWD[2:0]
IWRWS[2:0]
IWRRD[2:0]
IWRRS[2:0]
-
TYPE[2:0]
ENDIAN
BSZ[1:0]
-
-
-
-
-
-
-
-
-
Bit
Bit Name
Initial
Value
R/W
Description
31
⎯
0
R
Reserved
This bit is always read as 0. The write value should
always be 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com