Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F72115D160FPV Datasheet(PDF) 241 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 241 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 237Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 238Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 239Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 240Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 241Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 242Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 243Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 244Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 245Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 241 / 1228 page
background image
Section 8 Bus State Controller (BSC)
Rev. 2.00 May. 08, 2008 Page 217 of 1200
REJ09B0344-0200
Bit
Bit Name
Initial
Value
R/W
Description
4, 3
TRWL[1:0]*
00
R/W
Number of Auto-Precharge Startup Wait Cycles
Specify the number of minimum auto-precharge
startup wait cycles as shown below.
• Cycle number from the issuance of the WRITA
command by this LSI until the completion of auto-
precharge in the SDRAM.
Equivalent to the cycle number from the issuance
of the WRITA command until the issuance of the
ACTV command. Confirm that how many cycles
are required between the WRITE command receive
in the SDRAM and the auto-precharge activation,
referring to each SDRAM data sheet. And set the
cycle number so as not to exceed the cycle number
specified by this bit.
• Cycle number from the issuance of the WRITA
command until the issuance of the PRE command.
This is the case when accessing another low
address in the same bank in bank active mode.
The setting for areas 2 and 3 is common.
00: No cycle
01: 1 cycle
10: 2 cycles
11: 3 cycles
2
⎯
0
R
Reserved
This bit is always read as 0. The write value should
always be 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com