Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F72115D160FPV Datasheet(PDF) 245 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 245 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 241Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 242Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 243Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 244Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 245Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 246Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 247Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 248Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 249Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 245 / 1228 page
background image
Section 8 Bus State Controller (BSC)
Rev. 2.00 May. 08, 2008 Page 221 of 1200
REJ09B0344-0200
8.4.4
SDRAM Control Register (SDCR)
SDCR specifies the method to refresh and access SDRAM, and the types of SDRAMs to be
connected.
SDCR is initialized to H'00000000 by a power-on reset and retains the value by a manual reset and
in software standby mode.
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0000000000000000
R
R
R
R
R
R
R
R
R
R
R
R/W
R/W
R
R/W
R/W
0000000000000000
R
R
R/W
R/W
R/W
R/W
R
R/W
R
R
R
R/W
R/W
R
R/W
R/W
Bit:
Initial value:
R/W:
Bit:
Initial value:
R/W:
-----------
A2ROW[1:0]
A3ROW[1:0]
A2COL[1:0]
A3COL[1:0]
-
-
-
DEEP
SLOW
RFSH RMODEPDOWN BACTV
-
-
-
-
Bit
Bit Name
Initial
Value
R/W
Description
31 to 21
⎯
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.
20, 19
A2ROW[1:0] 00
R/W
Number of Bits of Row Address for Area 2
Specify the number of bits of row address for area 2.
00: 11 bits
01: 12 bits
10: 13 bits
11: Reserved (setting prohibited)
18
⎯
0
R
Reserved
This bit is always read as 0. The write value should
always be 0.
17, 16
A2COL[1:0]
00
R/W
Number of Bits of Column Address for Area 2
Specify the number of bits of column address for
area 2.
00: 8 bits
01: 9 bits
10: 10 bits
11: Reserved (setting prohibited)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com