Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F72115D160FPV Datasheet(PDF) 249 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 249 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 245Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 246Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 247Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 248Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 249Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 250Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 251Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 252Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 253Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 249 / 1228 page
background image
Section 8 Bus State Controller (BSC)
Rev. 2.00 May. 08, 2008 Page 225 of 1200
REJ09B0344-0200
8.4.5
Refresh Timer Control/Status Register (RTCSR)
RTCSR specifies various items about refresh for SDRAM. RTCSR is initialized to H'00000000 by
a power-on reset and retains the value by a manual reset and in software standby mode.
When RTCSR is written, the upper 16 bits of the write data must be H'A55A to cancel write
protection.
The phase of the clock for incrementing the count in the refresh timer counter (RTCNT) is
adjusted only by a power-on reset. Note that there is an error in the time until the compare match
flag is set for the first time after the timer is started with the CKS[2:0] bits being set to a value
other than B'000.
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0000000000000000
RRRRRRRRRRRRRRRR
0000000000000000
R
R
R
R
R
R
R
R
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit:
Initial value:
R/W:
Bit:
Initial value:
R/W:
----------------
-
-
-
-
-
-
-
-
CMF
CMIE
CKS[2:0]
RRC[2:0]
Bit
Bit Name
Initial
Value
R/W
Description
31 to 8
⎯
All 0
R
Reserved
These bits are always read as 0.
7
CMF
0
R/W
Compare Match Flag
Indicates that a compare match occurs between the
refresh timer counter (RTCNT) and refresh time
constant register (RTCOR). This bit is set or cleared in
the following conditions.
0: Clearing condition: When 0 is written in CMF after
reading out RTCSR during CMF = 1.
1: Setting condition: When the condition RTCNT =
RTCOR is satisfied.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com