Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F72115D160FPV Datasheet(PDF) 252 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 252 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 248Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 249Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 250Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 251Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 252Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 253Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 254Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 255Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 256Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 252 / 1228 page
background image
Section 8 Bus State Controller (BSC)
Rev. 2.00 May. 08, 2008 Page 228 of 1200
REJ09B0344-0200
8.4.7
Refresh Time Constant Register (RTCOR)
RTCOR is an 8-bit register. When RTCOR matches RTCNT, the CMF bit in RTCSR is set to 1
and RTCNT is cleared to 0.
When the RFSH bit in SDCR is 1, a memory refresh request is issued by this matching signal.
This request is maintained until the refresh operation is performed. If the request is not processed
when the next matching occurs, the previous request is ignored.
The
REFOUT signal can be asserted when a refresh request is generated while the bus is released.
For details, see the description of Relationship between Refresh Requests and Bus Cycles in
section 8.5.6 (9), Relationship between Refresh Requests and Bus Cycles, and section 8.5.11, Bus
Arbitration.
When the CMIE bit in RTCSR is set to 1, an interrupt request is issued by this matching signal.
The request continues to be output until the CMF bit in RTCSR is cleared. Clearing the CMF bit
only affects the interrupt request and does not clear the refresh request. Therefore, a combination
of refresh request and interval timer interrupt can be specified so that the number of refresh
requests are counted by using timer interrupts while refresh is performed periodically.
When RTCOR is written, the upper 16 bits of the write data must be H'A55A to cancel write
protection. This register is initialized to H'00000000 by a power-on reset and retains the value by a
manual reset and in software standby mode.
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0000000000000000
RRRRRRRRRRRRRRRR
0000000000000000
R
R
R
R
R
R
R
R
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit:
Initial value:
R/W:
Bit:
Initial value:
R/W:
----------------
--------
Bit
Bit Name
Initial
Value
R/W
Description
31 to 8
⎯
All 0
R
Reserved
These bits are always read as 0.
7 to 0
All 0
R/W
8-Bit Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com