Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F72115D160FPV Datasheet(PDF) 253 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 253 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 249Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 250Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 251Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 252Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 253Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 254Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 255Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 256Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 257Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 253 / 1228 page
background image
Section 8 Bus State Controller (BSC)
Rev. 2.00 May. 08, 2008 Page 229 of 1200
REJ09B0344-0200
8.5
Operation
8.5.1
Endian/Access Size and Data Alignment
This LSI supports big endian in which the 0 address is the most significant byte (MSB), and little
endian in which the 0 address is the least significant byte (LSB) in the byte data. In a space of
areas 1 to 7, endian can be set by the CSnBCR setting while the target space is not accessed. In a
space of area 0, the CSnBCR setting is invalid in on-chip ROM-disabled mode. In on-chip ROM-
enabled mode, endian can be set by the CSnBCR setting in a space of areas 0 to 7.
Two data bus widths (8 bits and 16 bits) are available for normal memory and SRAM with byte
selection. Only 16-bit data bus width is available for SDRAM. For MPX-I/O, the data bus width is
fixed at 8 bits or 16 bits, or 8 bits or 16 bits can be selected by the access address. Data alignment
is performed in accordance with the data bus width of the device. This also means that when
longword data is read from a byte-width device, the read operation must be done four times. In
this LSI, data alignment and conversion of data length is performed automatically between the
respective interfaces.
Tables 8.5 to 8.8 show the relationship between device data width and access unit. Note that
addresses corresponding to the strobe signals for the 16-bit bus width differ between big endian
and little endian. WE1 indicates the 0 address in big-endian mode, but WE0 indicates the 0
address in little-endian mode.
Table 8.5
16-Bit External Device Access and Data Alignment in Big-Endian Mode
Data Bus
Strobe Signals
Operation
D15 to D8
D7 to D0
WE1, DQMLU
WE0, DQMLL
Byte access at 0
Data 7 to 0
⎯
Assert
⎯
Byte access at 1
⎯
Data 7 to 0
⎯
Assert
Byte access at 2
Data 7 to 0
⎯
Assert
⎯
Byte access at 3
⎯
Data 7 to 0
⎯
Assert
Word access at 0
Data 15 to 8
Data 7 to 0
Assert
Assert
Word access at 2
Data 15 to 8
Data 7 to 0
Assert
Assert
1st time at 0
Data 23 to 16
Data 31 to 24
Assert
Assert
Longword
access at 0
2nd time at 2
Data 7 to 0
Data 15 to 8
Assert
Assert



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com