Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F72115D160FPV Datasheet(PDF) 257 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 257 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 253Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 254Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 255Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 256Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 257Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 258Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 259Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 260Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 261Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 257 / 1228 page
background image
Section 8 Bus State Controller (BSC)
Rev. 2.00 May. 08, 2008 Page 233 of 1200
REJ09B0344-0200
read in case of a 16-bit device. When writing, only the
WEn signal for the byte to be written is
asserted.
It is necessary to output the data that has been read using
RD when a buffer is established in the
data bus. The RD/
WR signal is in a read state (high output) when no access has been carried out.
Therefore, care must be taken when controlling the external data buffer, to avoid collision.
Figures 8.3 and 8.4 show the basic timings of normal space access. If the WM bit in CSnWCR is
cleared to 0, a Tnop cycle is inserted after the CSn space access to evaluate the external wait
(figure 8.3). If the WM bit in CSnWCR is set to 1, external waits are ignored and no Tnop cycle is
inserted (figure 8.4).
CK
A25 to A0
RD
RD/
WR
D15 to D0
WEn
D15 to D0
DACKn
BS
WAIT
CSn
T1
T2
Tnop
T1
T2
Read
Write
*
Note: * The waveform for DACKn is when active low is specified.
Figure 8.3 Continuous Access for Normal Space 1
Bus Width = 16 Bits, Longword Access, CSnWCR.WM Bit = 0
(Access Wait = 0, Cycle Wait = 0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com