Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F72115D160FPV Datasheet(PDF) 256 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 256 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 252Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 253Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 254Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 255Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 256Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 257Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 258Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 259Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 260Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 256 / 1228 page
background image
Section 8 Bus State Controller (BSC)
Rev. 2.00 May. 08, 2008 Page 232 of 1200
REJ09B0344-0200
8.5.2
Normal Space Interface
(1)
Basic Timing
For access to a normal space, this LSI uses strobe signal output in consideration of the fact that
mainly static RAM will be directly connected. When using SRAM with a byte-selection pin, see
section 8.5.8, SRAM Interface with Byte Selection. Figure 8.2 shows the basic timings of normal
space access. A no-wait normal access is completed in two cycles. The
BS signal is asserted for
one cycle to indicate the start of a bus cycle.
CK
Note: * The waveform for DACKn is when active low is specified.
A25 to A0
RD/
WR
RD/
WR
D15 to D0
DACKn
CSn
T1
T2
RD
WEn
BS
D15 to D0
Read
Write
*
Figure 8.2 Normal Space Basic Access Timing (Access Wait 0)
There is no access size specification when reading. The correct access start address is output in the
least significant bit of the address, but since there is no access size specification, 16 bits are always



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com