Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F72115D160FPV Datasheet(PDF) 250 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 250 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 246Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 247Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 248Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 249Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 250Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 251Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 252Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 253Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 254Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 250 / 1228 page
background image
Section 8 Bus State Controller (BSC)
Rev. 2.00 May. 08, 2008 Page 226 of 1200
REJ09B0344-0200
Bit
Bit Name
Initial
Value
R/W
Description
6
CMIE
0
R/W
Compare Match Interrupt Enable
Enables or disables CMF interrupt requests when the
CMF bit in RTCSR is set to 1.
0: Disables CMF interrupt requests.
1: Enables CMF interrupt requests.
5 to 3
CKS[2:0]
000
R/W
Clock Select
Select the clock input to count-up the refresh timer
counter (RTCNT).
000: Stop the counting-up
001: B
φ/4
010: B
φ/16
011: B
φ/64
100: B
φ/256
101: B
φ/1024
110: B
φ/2048
111: B
φ/4096
2 to 0
RRC[2:0]
000
R/W
Refresh Count
Specify the number of continuous refresh cycles, when
the refresh request occurs after the coincidence of the
values of the refresh timer counter (RTCNT) and the
refresh time constant register (RTCOR). These bits
can make the period of occurrence of refresh long.
000: 1 time
001: 2 times
010: 4 times
011: 6 times
100: 8 times
101: Reserved (setting prohibited)
110: Reserved (setting prohibited)
111: Reserved (setting prohibited)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com