Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F72115D160FPV Datasheet(PDF) 246 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 246 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 242Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 243Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 244Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 245Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 246Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 247Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 248Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 249Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 250Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 246 / 1228 page
background image
Section 8 Bus State Controller (BSC)
Rev. 2.00 May. 08, 2008 Page 222 of 1200
REJ09B0344-0200
Bit
Bit Name
Initial
Value
R/W
Description
15, 14
⎯
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.
13
DEEP
0
R/W
Deep Power-Down Mode
This bit is valid for low-power SDRAM. If the RFSH or
RMODE bit is set to 1 while this bit is set to 1, the deep
power-down entry command is issued and the low-
power SDRAM enters deep power-down mode.
0: Self-refresh mode
1: Deep power-down mode
12
SLOW
0
R/W
Low-Frequency Mode
Specifies the output timing of command, address, and
write data for SDRAM and the latch timing of read data
from SDRAM. Setting this bit makes the hold time for
command, address, write and read data extended for
half cycle (output or read at the falling edge of CK).
This mode is suitable for SDRAM with low-frequency
clock.
0: Command, address, and write data for SDRAM is
output at the rising edge of CK. Read data from
SDRAM is latched at the rising edge of CK.
1: Command, address, and write data for SDRAM is
output at the falling edge of CK. Read data from
SDRAM is latched at the falling edge of CK.
11
RFSH
0
R/W
Refresh Control
Specifies whether or not the refresh operation of the
SDRAM is performed.
0: No refresh
1: Refresh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com