Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F72115D160FPV Datasheet(PDF) 262 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 262 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 258Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 259Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 260Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 261Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 262Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 263Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 264Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 265Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 266Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 262 / 1228 page
background image
Section 8 Bus State Controller (BSC)
Rev. 2.00 May. 08, 2008 Page 238 of 1200
REJ09B0344-0200
8.5.4
CSn Assert Period Expansion
The number of cycles from
CSn assertion to RD, WEn assertion can be specified by setting bits
SW1 and SW0 in CSnWCR. The number of cycles from
RD, WEn negation to CSn negation can
be specified by setting bits HW1 and HW0. Therefore, a flexible interface to an external device
can be obtained. Figure 8.9 shows an example. A Th cycle and a Tf cycle are added before and
after an ordinary cycle, respectively. In these cycles,
RD and WEn are not asserted, while other
signals are asserted. The data output is prolonged to the Tf cycle, and this prolongation is useful
for devices with slow writing operations.
T1
CK
A25 to A0
CSn
RD/
WR
RD
D15 to D0
WEn
D15 to D0
BS
Th
Read
Write
T2
DACKn*
Tf
Note: * The waveform for DACKn is when active low is specified.
Figure 8.9
CSn Assert Period Expansion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com