Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F72115D160FPV Datasheet(PDF) 263 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 263 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 259Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 260Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 261Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 262Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 263Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 264Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 265Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 266Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 267Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 263 / 1228 page
background image
Section 8 Bus State Controller (BSC)
Rev. 2.00 May. 08, 2008 Page 239 of 1200
REJ09B0344-0200
8.5.5
MPX-I/O Interface
Access timing for the MPX space is shown below. In the MPX space,
CS5, AH, RD, and WEn
signals control the accessing. The basic access for the MPX space consists of 2 cycles of address
output followed by an access to a normal space. The bus width for the address output cycle or the
data input/output cycle is fixed to 8 bits or 16 bits. Alternatively, it can be 8 bits or 16 bits
depending on the address to be accessed.
Output of the addresses D15 to D0 or D7 to D0 is performed from cycle Ta2 to cycle Ta3.
Because cycle Ta1 has a high-impedance state, collisions of addresses and data can be avoided
without inserting idle cycles, even in continuous access cycles. Address output is increased to 3
cycles by setting the MPXW bit in CS5WCR to 1.
The RD/
WR signal is output at the same time as the CS5 signal; it is high in the read cycle and
low in the write cycle.
The data cycle is the same as that in a normal space access.
Timing charts are shown in figures 8.10 to 8.12.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com