Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F72115D160FPV Datasheet(PDF) 267 Page - Renesas Technology Corp

Part # R5F72115D160FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family
PDF  1228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F72115D160FPV Datasheet(HTML) 267 Page - Renesas Technology Corp

Back Button R5F72115D160FPV Datasheet HTML 263Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 264Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 265Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 266Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 267Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 268Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 269Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 270Page - Renesas Technology Corp R5F72115D160FPV Datasheet HTML 271Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 267 / 1228 page
background image
Section 8 Bus State Controller (BSC)
Rev. 2.00 May. 08, 2008 Page 243 of 1200
REJ09B0344-0200
8.5.6
SDRAM Interface
(1)
SDRAM Direct Connection
The SDRAM that can be connected to this LSI is a product that has 11/12/13 bits of row address,
8/9/10 bits of column address, 4 or less banks, and uses the A10 pin for setting precharge mode in
read and write command cycles.
The control signals for direct connection of SDRAM are
RASL, CASL, RD/WR, DQMUL,
DQMLL, CKE, CS2, and CS3. All the signals other than CS2 and CS3 are common to all areas,
and signals other than CKE are valid when
CS2 or CS3 is asserted. SDRAM can be connected to
up to 2 spaces. The data bus width of the area that is connected to SDRAM can be set to 16 bits
only.
Burst read/single write (burst length 1) and burst read/burst write (burst length 1) are supported as
SDRAM operating mode.
Commands for SDRAM can be specified by
RASL, CASL, RD/WR, and specific address signals.
These commands supports:
• NOP
• Auto-refresh (REF)
• Self-refresh (SELF)
• All banks pre-charge (PALL)
• Specified bank pre-charge (PRE)
• Bank active (ACTV)
• Read (READ)
• Read with pre-charge (READA)
• Write (WRIT)
• Write with pre-charge (WRITA)
• Write mode register (MRS, EMRS)
The byte to be accessed is specified by
DQMUL and DQMLL. Reading or writing is performed
for a byte whose corresponding
DQMxx is low. For details on the relationship between DQMxx
and the byte to be accessed, see section 8.5.1, Endian/Access Size and Data Alignment.
Figure 8.13 shows an example of the connection of the SDRAM with the LSI.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com