Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426R Datasheet(PDF) 406 Page - Renesas Technology Corp

Part # H8S/2426R
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426R Datasheet(HTML) 406 Page - Renesas Technology Corp

Back Button H8S/2426R Datasheet HTML 402Page - Renesas Technology Corp H8S/2426R Datasheet HTML 403Page - Renesas Technology Corp H8S/2426R Datasheet HTML 404Page - Renesas Technology Corp H8S/2426R Datasheet HTML 405Page - Renesas Technology Corp H8S/2426R Datasheet HTML 406Page - Renesas Technology Corp H8S/2426R Datasheet HTML 407Page - Renesas Technology Corp H8S/2426R Datasheet HTML 408Page - Renesas Technology Corp H8S/2426R Datasheet HTML 409Page - Renesas Technology Corp H8S/2426R Datasheet HTML 410Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 406 / 1302 page
background image
Section 7 DMA Controller (DMAC)
Rev. 1.00 Sep. 19, 2008 Page 378 of 1270
REJ09B0466-0100
DREQ
Bus release
DMA single
DMA single
Address bus
φ
DMA control
Channel
[2]
DACK
Transfer source/
destination
Idle
Idle
Idle
[1]
[3]
[5]
[4]
[6]
[7]
Acceptance resumes
Acceptance resumes
Bus release
Bus release
Transfer source/
destination
Request
Request
Request clear
period
Request clear
period
Minimum of
2 cycles
Minimum of
2 cycles
Single
Single
[1]
Acceptance after transfer enabling; the
DREQ pin low level is sampled on the rising edge of φ,
and the request is held.
[2] [5] The request is cleared at the next bus break, and activation is started in the DMAC.
[3] [6] Start of DMA cycle;
DREQ pin high level sampling on the rising edge of φ starts.
[4] [7] When the
DREQ pin high level has been sampled, acceptance is resumed after the single
cycle is completed. (As in [1], the
DREQ pin low level is sampled on the rising edge of φ, and
the request is held.)
Note: In write data buffer mode, bus breaks from [2] to [7] may be hidden, and not visible.
Figure 7.30 Example of
DREQ Pin Falling Edge Activated Single Address Mode Transfer
DREQ pin sampling is performed every cycle, with the rising edge of the next φ cycle after the
end of the DMABCR write cycle for setting the transfer enabled state as the starting point.
When the
DREQ pin low level is sampled while acceptance by means of the DREQ pin is
possible, the request is held in the DMAC. Then, when activation is initiated in the DMAC, the
request is cleared, and
DREQ pin high level sampling for edge detection is started. If DREQ pin
high level sampling has been completed by the time the DMA single cycle ends, acceptance
resumes after the end of the single cycle,
DREQ pin low level sampling is performed again, and
this operation is repeated until the transfer ends.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com