Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426R Datasheet(PDF) 408 Page - Renesas Technology Corp

Part # H8S/2426R
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426R Datasheet(HTML) 408 Page - Renesas Technology Corp

Back Button H8S/2426R Datasheet HTML 404Page - Renesas Technology Corp H8S/2426R Datasheet HTML 405Page - Renesas Technology Corp H8S/2426R Datasheet HTML 406Page - Renesas Technology Corp H8S/2426R Datasheet HTML 407Page - Renesas Technology Corp H8S/2426R Datasheet HTML 408Page - Renesas Technology Corp H8S/2426R Datasheet HTML 409Page - Renesas Technology Corp H8S/2426R Datasheet HTML 410Page - Renesas Technology Corp H8S/2426R Datasheet HTML 411Page - Renesas Technology Corp H8S/2426R Datasheet HTML 412Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 408 / 1302 page
background image
Section 7 DMA Controller (DMAC)
Rev. 1.00 Sep. 19, 2008 Page 380 of 1270
REJ09B0466-0100
When the
DREQ pin low level is sampled while acceptance by means of the DREQ pin is
possible, the request is held in the DMAC. Then, when activation is initiated in the DMAC, the
request is cleared. After the end of the single cycle, acceptance resumes,
DREQ pin low level
sampling is performed again, and this operation is repeated until the transfer ends.
7.5.11
Write Data Buffer Function
DMAC internal-to-external dual address transfers and single address transfers can be executed at
high speed using the write data buffer function, enabling system throughput to be improved.
When the WDBE bit of BCR in the bus controller is set to 1, enabling the write data buffer
function, dual address transfer external write cycles or single address transfer and internal accesses
(on-chip memory or internal I/O registers) are executed in parallel. Internal accesses are
independent of the bus mastership, and DMAC dead cycles are regarded as internal accesses.
A low level can always be output from the
TEND pin if the bus cycle in which a low level is to be
output from the
TEND pin is an external bus cycle. However, a low level is not output from the
TEND pin if the bus cycle in which a low level is to be output from the TEND pin is an internal
bus cycle, and an external write cycle is executed in parallel with this cycle.
Figure 7.32 shows an example of dual address transfer using the write data buffer function. The
data is transferred from on-chip RAM to external memory.
Internal address
φ
Internal read signal
HWR, LWR
TEND
External address
DMA
read
DMA
write
DMA
read
DMA
write
DMA
read
DMA
write
DMA
read
DMA
write
DMA
dead
Figure 7.32 Example of Dual Address Transfer Using Write Data Buffer Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com