Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426R Datasheet(PDF) 410 Page - Renesas Technology Corp

Part # H8S/2426R
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426R Datasheet(HTML) 410 Page - Renesas Technology Corp

Back Button H8S/2426R Datasheet HTML 406Page - Renesas Technology Corp H8S/2426R Datasheet HTML 407Page - Renesas Technology Corp H8S/2426R Datasheet HTML 408Page - Renesas Technology Corp H8S/2426R Datasheet HTML 409Page - Renesas Technology Corp H8S/2426R Datasheet HTML 410Page - Renesas Technology Corp H8S/2426R Datasheet HTML 411Page - Renesas Technology Corp H8S/2426R Datasheet HTML 412Page - Renesas Technology Corp H8S/2426R Datasheet HTML 413Page - Renesas Technology Corp H8S/2426R Datasheet HTML 414Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 410 / 1302 page
background image
Section 7 DMA Controller (DMAC)
Rev. 1.00 Sep. 19, 2008 Page 382 of 1270
REJ09B0466-0100
If transfer requests are issued simultaneously for more than one channel, or if a transfer request for
another channel is issued during a transfer, when the bus is released, the DMAC selects the
highest-priority channel from among those issuing a request according to the priority order shown
in table 7.11. During burst transfer, or when one block is being transferred in block transfer, the
channel will not be changed until the end of the transfer. Figure 7.34 shows a transfer example in
which transfer requests are issued simultaneously for channels 0A, 0B, and 1.
DMA read
DMA write
DMA read
DMA write
DMA read
DMA write
DMA
read
Address bus
φ
RD
HWR
LWR
DMA control
Channel 0A
Channel 0B
Channel 1
Idle
Write
Idle
Read
Write
Idle
Read
Write
Read
Request
hold
Request
hold
Bus
release
Channel 0A
transfer
Bus
release
Channel 0B
transfer
Channel 1 transfer
Bus
release
Request
hold
Read
Selection
Non-
selection
Selection
Request clear
Request clear
Request clear
Figure 7.34 Example of Multi-Channel Transfer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com