Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426R Datasheet(PDF) 457 Page - Renesas Technology Corp

Part # H8S/2426R
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426R Datasheet(HTML) 457 Page - Renesas Technology Corp

Back Button H8S/2426R Datasheet HTML 453Page - Renesas Technology Corp H8S/2426R Datasheet HTML 454Page - Renesas Technology Corp H8S/2426R Datasheet HTML 455Page - Renesas Technology Corp H8S/2426R Datasheet HTML 456Page - Renesas Technology Corp H8S/2426R Datasheet HTML 457Page - Renesas Technology Corp H8S/2426R Datasheet HTML 458Page - Renesas Technology Corp H8S/2426R Datasheet HTML 459Page - Renesas Technology Corp H8S/2426R Datasheet HTML 460Page - Renesas Technology Corp H8S/2426R Datasheet HTML 461Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 457 / 1302 page
background image
Section 8 EXDMA Controller (EXDMAC)
Rev. 1.00 Sep. 19, 2008 Page 429 of 1270
REJ09B0466-0100
(2)
Normal Transfer Mode (Burst Mode)
Figure 8.16 shows an example of transfer when
ETEND output is enabled, and word-size, normal
transfer mode (burst mode) is performed from external 16-bit, 2-state access space to external 16-
bit, 2-state access space.
In burst mode, one-byte or one-word transfers are executed continuously until transfer ends.
Once burst transfer starts, requests from other channels, even of higher priority, are held pending
until transfer ends.
DMA read
RD
HWR
ETEND
LWR
DMA write DMA read DMA write DMA read DMA write
Address bus
φ
Bus
release
Bus
release
Last transfer cycle
Burst transfer
Figure 8.16 Example of Normal Transfer Mode (Burst Mode) Transfer
If an NMI interrupt is generated while a channel designated for burst transfer is enabled for
transfer, the EDA bit is cleared and transfer is disabled. If a block transfer has already been
initiated within the EXDMAC, the bus is released on completion of the currently executing byte or
word transfer, and burst transfer is aborted. If the last transfer cycle in burst transfer has been
initiated within the EXDMAC, transfer is executed to the end even if the EDA bit is cleared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com