| Electronic Components Datasheet Search |
|
H8S/2426R Datasheet(PDF) 461 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2426R Datasheet(HTML) 461 Page - Renesas Technology Corp |
|
461 / 1302 page ![]() Section 8 EXDMA Controller (EXDMAC) Rev. 1.00 Sep. 19, 2008 Page 433 of 1270 REJ09B0466-0100 (5) EDREQ Pin Low Level Activation Timing Figure 8.20 shows an example of normal mode transfer activated by the EDREQ pin low level. DMA read DMA write Address bus φ EDREQ Idle Write Idle Bus release DMA control Channel Write Idle Transfer source Bus release DMA read DMA write Request Read Read Transfer destination Transfer source Transfer destination Bus release [1] [3] [2] [4] [6] [5] [7] Acceptance resumed Acceptance resumed [1] Acceptance after transfer enabling; EDREQ pin low level is sampled at rise of φ, and request is held. [2], [5] Request is cleared at end of next bus cycle, and activation is started in EXDMAC. [3], [6] DMA cycle is started. [4], [7] Acceptance is resumed after completion of write cycle. (As in [1], EDREQ pin low level is sampled at rise of φ, and request is held.) Minimum 3 cycles Request Minimum 3 cycles Request clearance period Request clearance period Figure 8.20 Example of Normal Mode Transfer Activated by EDREQ Pin Low Level EDREQ pin sampling is performed in each cycle starting at the next rise of φ after the end of the EDMDR write cycle for setting the transfer-enabled state. When a low level is sampled at the EDREQ pin while acceptance via the EDREQ pin is possible, the request is held within the EXDMAC. Then when activation is initiated within the EXDMAC, the request is cleared. At the end of the write cycle, acceptance resumes and EDREQ pin low level sampling is performed again; this sequence of operations is repeated until the end of the transfer. Figure 8.21 shows an example of block transfer mode transfer activated by the EDREQ pin low level. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |