| Electronic Components Datasheet Search |
|
H8S/2426R Datasheet(PDF) 459 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2426R Datasheet(HTML) 459 Page - Renesas Technology Corp |
|
459 / 1302 page ![]() Section 8 EXDMA Controller (EXDMAC) Rev. 1.00 Sep. 19, 2008 Page 431 of 1270 REJ09B0466-0100 (4) EDREQ Pin Falling Edge Activation Timing Figure 8.18 shows an example of normal mode transfer activated by the EDREQ pin falling edge. DMA read DMA write Address bus φ EDREQ Write Idle Bus release Transfer destination DMA control Channel Write Idle Transfer source Transfer source Bus release DMA read DMA write Bus release Request Request [1] [3] [2] [4] [5] [6] [7] Acceptance resumed Acceptance resumed Read Read Idle [1] Acceptance after transfer enabling; EDREQ pin low level is sampled at rise of φ, and request is held. [2], [5] Request is cleared at end of next bus cycle, and activation is started in EXDMAC. [3], [6] DMA cycle start; EDREQ pin high level sampling is started at rise of φ. [4], [7] When EDREQ pin high level has been sampled, acceptance is resumed after completion of write cycle. (As in [1], EDREQ pin low level is sampled at rise of φ, and request is held.) Transfer destination Request clearance period Request clearance period Minimum 3 cycles Minimum 3 cycles Figure 8.18 Example of Normal Mode Transfer Activated by EDREQ Pin Falling Edge EDREQ pin sampling is performed in each cycle starting at the next rise of φ after the end of the EDMDR write cycle for setting the transfer-enabled state. When a low level is sampled at the EDREQ pin while acceptance via the EDREQ pin is possible, the request is held within the EXDMAC. Then when activation is initiated within the EXDMAC, the request is cleared, and EDREQ pin high level sampling for edge sensing is started. If EDREQ pin high level sampling is completed by the end of the DMA write cycle, acceptance resumes after the end of the write cycle, and EDREQ pin low level sampling is performed again; this sequence of operations is repeated until the end of the transfer. Figure 8.19 shows an example of block transfer mode transfer activated by the EDREQ pin falling edge. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |