Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426R Datasheet(PDF) 893 Page - Renesas Technology Corp

Part # H8S/2426R
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426R Datasheet(HTML) 893 Page - Renesas Technology Corp

Back Button H8S/2426R Datasheet HTML 889Page - Renesas Technology Corp H8S/2426R Datasheet HTML 890Page - Renesas Technology Corp H8S/2426R Datasheet HTML 891Page - Renesas Technology Corp H8S/2426R Datasheet HTML 892Page - Renesas Technology Corp H8S/2426R Datasheet HTML 893Page - Renesas Technology Corp H8S/2426R Datasheet HTML 894Page - Renesas Technology Corp H8S/2426R Datasheet HTML 895Page - Renesas Technology Corp H8S/2426R Datasheet HTML 896Page - Renesas Technology Corp H8S/2426R Datasheet HTML 897Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 893 / 1302 page
background image
Section 15 Serial Communication Interface (SCI, IrDA)
Rev. 1.00 Sep. 19, 2008 Page 865 of 1270
REJ09B0466-0100
Table 15.8
Examples of Bit Rate for Various BRR Settings (Smart Card Interface Mode)
(when n = 0 and S = 372)
Operating Frequency
φ (MHz)
10.00
10.7136
13.00
14.2848
Bit Rate
(bit/s)
n
N
Error
(%)
n
N
Error
(%)
n
N
Error
(%)
n
N
Erro
r (%)
9600
0
1
30.00
0
1
25.00
0
1
8.99
0
1
0.00
Operating Frequency
φ (MHz)
16.00
18.00
20.00
25.00
Bit Rate
(bit/s)
n
N
Error
(%)
n
N
Error
(%)
n
N
Error
(%)
n
N
Erro
r (%)
9600
0
1
12.01
0
2
15.99
0
2
6.66
0
3
12.4
9
Operating Frequency
φ (MHz)
30.00
33.00
Bit Rate
(bit/s)
n
N
Error
(%)
n
N
Error
(%)
9600
0
3
5.01
0
4
7.59
Table 15.9
Maximum Bit Rate at Various Frequencies (Smart Card Interface Mode)
(when S = 372)
φ (MHz)
Maximum Bit
Rate (bit/s)
n
N
φ (MHz)
Maximum Bit
Rate (bit/s)
n
N
10.00
13441
0
0
18.00
24194
0
0
10.7136
14400
0
0
20.00
26882
0
0
13.00
17473
0
0
25.00
33602
0
0
14.2848
19200
0
0
30.00
40323
0
0
16.00
21505
0
0
33.00
44355
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com