Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426R Datasheet(PDF) 896 Page - Renesas Technology Corp

Part # H8S/2426R
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426R Datasheet(HTML) 896 Page - Renesas Technology Corp

Back Button H8S/2426R Datasheet HTML 892Page - Renesas Technology Corp H8S/2426R Datasheet HTML 893Page - Renesas Technology Corp H8S/2426R Datasheet HTML 894Page - Renesas Technology Corp H8S/2426R Datasheet HTML 895Page - Renesas Technology Corp H8S/2426R Datasheet HTML 896Page - Renesas Technology Corp H8S/2426R Datasheet HTML 897Page - Renesas Technology Corp H8S/2426R Datasheet HTML 898Page - Renesas Technology Corp H8S/2426R Datasheet HTML 899Page - Renesas Technology Corp H8S/2426R Datasheet HTML 900Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 896 / 1302 page
background image
Section 15 Serial Communication Interface (SCI, IrDA)
Rev. 1.00 Sep. 19, 2008 Page 868 of 1270
REJ09B0466-0100
Bit
Bit Name
Initial Value
R/W
Description
2
1
0
ACS2
ACS1
ACS0
0
0
0
R/W
R/W
R/W
Asynchronous clock source selection (valid when
CKE1 = 1 in asynchronous mode)
Selects the clock source for the average transfer
rate.
The basic clock can be automatically set by
selecting the average transfer rate in spite of the
value of ABCS.
000: External clock input
001: Selects 115.152 kbps which is the average
transfer rate dedicated for
φ= 10.667 MHz.
(Operates on a basic clock with a frequency
of 16 times the transfer rate.)
010: Selects 460.606 kbps which is the average
transfer rate dedicated for
φ= 10.667 MHz.
(Operates on a basic clock with a frequency
of 8 times the transfer rate.)
011: Selects 720 kbps which is the average
transfer rate dedicated for
φ = 32 MHz.
(Operates on a basic clock with a frequency
of 16 times the transfer rate.)
100: Reserved
101: Selects 115.196 kbps which is the average
transfer rate dedicated for
φ = 16 MHz
(Operates on a basic clock with a frequency
of 16 times the transfer rate.)
110: Selects 460.784 kbps which is the average
transfer rate dedicated for
φ = 16 MHz
(Operates on a basic clock with a frequency
of 16 times the transfer rate.)
111: Selects 720 kbps which is the average
transfer rate dedicated for
φ = 16 MHz
(Operates on a basic clock with a frequency
of 8 times the transfer rate.)
Note that the average transfer rate does not
correspond to the frequency other than 10.667,
16, or 32 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com