Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426R Datasheet(PDF) 897 Page - Renesas Technology Corp

Part # H8S/2426R
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426R Datasheet(HTML) 897 Page - Renesas Technology Corp

Back Button H8S/2426R Datasheet HTML 893Page - Renesas Technology Corp H8S/2426R Datasheet HTML 894Page - Renesas Technology Corp H8S/2426R Datasheet HTML 895Page - Renesas Technology Corp H8S/2426R Datasheet HTML 896Page - Renesas Technology Corp H8S/2426R Datasheet HTML 897Page - Renesas Technology Corp H8S/2426R Datasheet HTML 898Page - Renesas Technology Corp H8S/2426R Datasheet HTML 899Page - Renesas Technology Corp H8S/2426R Datasheet HTML 900Page - Renesas Technology Corp H8S/2426R Datasheet HTML 901Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 897 / 1302 page
background image
Section 15 Serial Communication Interface (SCI, IrDA)
Rev. 1.00 Sep. 19, 2008 Page 869 of 1270
REJ09B0466-0100
15.4
Operation in Asynchronous Mode
Figure 15.2 shows the general format for asynchronous serial communication. One frame consists
of a start bit (low level), followed by transfer data, a parity bit, and finally stop bits (high level). In
asynchronous serial communication, the transmission line is usually held in the mark state (high
level). The SCI monitors the transmission line, and when it goes to the space state (low level),
recognizes a start bit and starts serial communication. In asynchronous serial communication, the
communication line is usually held in the mark state (high level). The SCI monitors the
communication line, and when it goes to the space state (low level), recognizes a start bit and
starts serial communication. Inside the SCI, the transmitter and receiver are independent units,
enabling full-duplex communication. Both the transmitter and the receiver also have a double-
buffered structure, so that data can be read or written during transmission or reception, enabling
continuous data transfer.
LSB
Start
bit
MSB
Idle state
(mark state)
Stop bit(s)
0
Transmit/receive data
D0
D1
D2
D3
D4
D5
D6
D7
0/1
1
1
1
1
Serial
data
Parity
bit
1 bit
1 or
2 bits
7 or 8 bits
1 bit,
or none
One unit of transfer data (character or frame)
Figure 15.2 Data Format in Asynchronous Communication
(Example with 8-Bit Data, Parity, Two Stop Bits)
15.4.1
Data Transfer Format
Table 15.10 shows the data transfer formats that can be used in asynchronous mode. Any of 12
transfer formats can be selected according to the SMR setting. For details on the multiprocessor
bit, refer to section 15.5, Multiprocessor Communication Function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com