Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426R Datasheet(PDF) 983 Page - Renesas Technology Corp

Part # H8S/2426R
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426R Datasheet(HTML) 983 Page - Renesas Technology Corp

Back Button H8S/2426R Datasheet HTML 979Page - Renesas Technology Corp H8S/2426R Datasheet HTML 980Page - Renesas Technology Corp H8S/2426R Datasheet HTML 981Page - Renesas Technology Corp H8S/2426R Datasheet HTML 982Page - Renesas Technology Corp H8S/2426R Datasheet HTML 983Page - Renesas Technology Corp H8S/2426R Datasheet HTML 984Page - Renesas Technology Corp H8S/2426R Datasheet HTML 985Page - Renesas Technology Corp H8S/2426R Datasheet HTML 986Page - Renesas Technology Corp H8S/2426R Datasheet HTML 987Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 983 / 1302 page
background image
Section 17 A/D Converter
Rev. 1.00 Sep. 19, 2008 Page 955 of 1270
REJ09B0466-0100
Section 17 A/D Converter
This LSI includes two units (units 0 and 1) of successive approximation type 10-bit A/D
converter. In the H8S/2426 group and H8S/2426R group, the A/D converter units 0 and 1 allow up
to eight analog input channels to be selected. In the H8S/2424 group, unit 0 allows up to eight
analog input channels to be selected while unit 1 allows up to two channels.
Figures 17.1 and 17.2 show block diagrams of the A/D converter units 0 and 1, respectively.
17.1
Features
• 10-bit resolution
• Input channels:
H8S/2426 group and H8S/2426R group: Eight channels (total of 16 channels for the two units)
H8S/2424 group: Eight channels for unit 0 and two channels for unit 1 (total of 10 channels for
the two units)
• Conversion cycle: 64 cycles or 40 cycles (A/D conversion clock)
• Two kinds of operating modes
 Single mode: Single-channel A/D conversion
 Scan mode: Continuous A/D conversion on 1 to 4 channels, or 1 to 8 channels*1
• Separate A/D conversion clock specifiable for each unit (Pφ, Pφ/2, Pφ/4, or Pφ/8)
• Eight data registers for A/D converter unit 0 and eight data registers for unit 1*2 (total of 16
data registers for the two units)
Results of A/D conversion are held in a 16-bit data register for each channel.
• Sample and hold functionality
• Three types of conversion start
Conversion can be started by software, a conversion start trigger by the 16-bit timer pulse unit
(TPU) or 8-bit timer (TMR), or an external trigger signal.
• Interrupt source
A/D conversion end interrupt (ADI) request can be generated.
• Module stop state specifiable
Notes: 1. Continuous A/D conversion on 1 to 2 channels in the H8S/2424 group.
2. Two data registers for unit 1 (total of ten data registers for the two units) in the
H8S/2424 group.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com