Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426R Datasheet(PDF) 987 Page - Renesas Technology Corp

Part # H8S/2426R
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426R Datasheet(HTML) 987 Page - Renesas Technology Corp

Back Button H8S/2426R Datasheet HTML 983Page - Renesas Technology Corp H8S/2426R Datasheet HTML 984Page - Renesas Technology Corp H8S/2426R Datasheet HTML 985Page - Renesas Technology Corp H8S/2426R Datasheet HTML 986Page - Renesas Technology Corp H8S/2426R Datasheet HTML 987Page - Renesas Technology Corp H8S/2426R Datasheet HTML 988Page - Renesas Technology Corp H8S/2426R Datasheet HTML 989Page - Renesas Technology Corp H8S/2426R Datasheet HTML 990Page - Renesas Technology Corp H8S/2426R Datasheet HTML 991Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 987 / 1302 page
background image
Section 17 A/D Converter
Rev. 1.00 Sep. 19, 2008 Page 959 of 1270
REJ09B0466-0100
Table 17.2
Pin Configuration (H8S/2424 Group)
Unit
Abbr.
Pin Name
Symbol
I/O
Function
Analog input pin 0
AN0
Input
Analog input pin 1
AN1
Input
Analog input pin 2
AN2
Input
Analog input pin 3
AN3
Input
Analog input pin 4
AN4
Input
Analog input pin 5
AN5
Input
Analog input pin 6
AN6
Input
Analog input pin 7
AN7
Input
Analog inputs
A/D external trigger
input pin 0_A
ADTRG0-A
Input
External trigger input pin
0_A for starting A/D
conversion*
0
AD_0
A/D external trigger
input pin 0_B
ADTRG0-B
Input
External trigger input pin
0_B for starting A/D
conversion*
Analog input pin 12
AN12
Input
Analog input pin 13
AN13
Input
Analog inputs
1
AD_1
A/D external trigger
input pin 1
ADTRG1
Input
External trigger input pin A
for starting A/D conversion
Analog power supply pin
AV
CC
Input
Analog block power supply
Analog ground pin
AV
SS
Input
Analog block ground
Common
Reference voltage pin
Vref
Input
A/D conversion reference
voltage
Note:
*
Selectable by setting of the TRGS1, TRGS0, and EXTRGS bits in ADCR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com