Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426R Datasheet(PDF) 986 Page - Renesas Technology Corp

Part # H8S/2426R
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426R Datasheet(HTML) 986 Page - Renesas Technology Corp

Back Button H8S/2426R Datasheet HTML 982Page - Renesas Technology Corp H8S/2426R Datasheet HTML 983Page - Renesas Technology Corp H8S/2426R Datasheet HTML 984Page - Renesas Technology Corp H8S/2426R Datasheet HTML 985Page - Renesas Technology Corp H8S/2426R Datasheet HTML 986Page - Renesas Technology Corp H8S/2426R Datasheet HTML 987Page - Renesas Technology Corp H8S/2426R Datasheet HTML 988Page - Renesas Technology Corp H8S/2426R Datasheet HTML 989Page - Renesas Technology Corp H8S/2426R Datasheet HTML 990Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 986 / 1302 page
background image
Section 17 A/D Converter
Rev. 1.00 Sep. 19, 2008 Page 958 of 1270
REJ09B0466-0100
17.2
Input/Output Pins
Tables 17.1 and 17.2 show the pin configuration of the A/D converter.
Table 17.1
Pin Configuration (H8S/2426 Group and H8S/2426R Group)
Unit
Symbol Pin Name
Symbol
I/O
Function
Analog input pin 0
AN0
Input
Analog input pin 1
AN1
Input
Analog input pin 2
AN2
Input
Analog input pin 3
AN3
Input
Analog input pin 4
AN4
Input
Analog input pin 5
AN5
Input
Analog input pin 6
AN6
Input
Analog input pin 7
AN7
Input
Analog inputs
A/D external trigger
input pin 0_A
ADTRG0-A
Input
External trigger input pin 0_A for
starting A/D conversion*
0
AD_0
A/D external trigger
input pin 0_B
ADTRG0-B
Input
External trigger input pin 0_B for
starting A/D conversion*
Analog input pin 8
AN8
Input
Analog input pin 9
AN9
Input
Analog input pin 10
AN10
Input
Analog input pin 11
AN11
Input
Analog input pin 12
AN12
Input
Analog input pin 13
AN13
Input
Analog input pin 14
AN14
Input
Analog input pin 15
AN15
Input
Analog inputs
1
AD_1
A/D external trigger
input pin 1
ADTRG1
Input
External trigger input pin A for
starting A/D conversion
Analog power supply pin
AV
CC
Input
Analog block power supply
Analog ground pin
AV
SS
Input
Analog block ground
Common
Reference voltage pin
Vref
Input
A/D conversion reference
voltage
Note:
*
Selectable by setting of the TRGS1, TRGS0, and EXTRGS bits in ADCR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com