Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426R Datasheet(PDF) 293 Page - Renesas Technology Corp

Part # H8S/2426R
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426R Datasheet(HTML) 293 Page - Renesas Technology Corp

Back Button H8S/2426R Datasheet HTML 289Page - Renesas Technology Corp H8S/2426R Datasheet HTML 290Page - Renesas Technology Corp H8S/2426R Datasheet HTML 291Page - Renesas Technology Corp H8S/2426R Datasheet HTML 292Page - Renesas Technology Corp H8S/2426R Datasheet HTML 293Page - Renesas Technology Corp H8S/2426R Datasheet HTML 294Page - Renesas Technology Corp H8S/2426R Datasheet HTML 295Page - Renesas Technology Corp H8S/2426R Datasheet HTML 296Page - Renesas Technology Corp H8S/2426R Datasheet HTML 297Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 293 / 1302 page
background image
Section 6 Bus Controller (BSC)
Rev. 1.00 Sep. 19, 2008 Page 265 of 1270
REJ09B0466-0100
TRp
φ
SDRAM
φ
RAS
CAS
WE
CKE
PALL
REF
NOP
Address bus
TRr
TRr1
TRcw
TRc2
Precharge-sel
High
Figure 6.68 Auto Refresh Timing
(TPC = 0, TPC0 = 0, RLW1 = 0, RLW0 = 1)
(2) Self-Refreshing
A self-refresh mode (battery backup mode) is provided for synchronous DRAM as a kind of
standby mode. In this mode, refresh timing and refresh addresses are generated within the
synchronous DRAM.
To select self-refreshing, set the RFSHE bit to 1 in REFCR. When a SLEEP instruction is
executed to enter software standby mode, the SELF command is issued, as shown in figure 6.69.
When software standby mode is exited, the SLFRF bit in REFCR is cleared to 0 and self-refresh
mode is exited automatically. If an auto refresh request occurs when making a transition to
software standby mode, auto refreshing is executed, and then self-refresh mode is entered.
When using self-refresh mode, the OPE bit must not be cleared to 0 in SBYCR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com