Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S/2426R Datasheet(PDF) 296 Page - Renesas Technology Corp

Part # H8S/2426R
Description  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426R Datasheet(HTML) 296 Page - Renesas Technology Corp

Back Button H8S/2426R Datasheet HTML 292Page - Renesas Technology Corp H8S/2426R Datasheet HTML 293Page - Renesas Technology Corp H8S/2426R Datasheet HTML 294Page - Renesas Technology Corp H8S/2426R Datasheet HTML 295Page - Renesas Technology Corp H8S/2426R Datasheet HTML 296Page - Renesas Technology Corp H8S/2426R Datasheet HTML 297Page - Renesas Technology Corp H8S/2426R Datasheet HTML 298Page - Renesas Technology Corp H8S/2426R Datasheet HTML 299Page - Renesas Technology Corp H8S/2426R Datasheet HTML 300Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 296 / 1302 page
background image
Section 6 Bus Controller (BSC)
Rev. 1.00 Sep. 19, 2008 Page 268 of 1270
REJ09B0466-0100
6.8.14
Mode Register Setting of Synchronous DRAM
To use synchronous DRAM, mode must be set after power-on. To set mode, set the RMTS2 to
RMTS0 bits in DRAMCR to H'5 and enable the synchronous DRAM mode register setting. After
that, access the continuous synchronous DRAM space in bytes. When the value to be set in the
synchronous DRAM mode register is X, value X is set in the synchronous DRAM mode register
by writing to the continuous synchronous DRAM space of address H'400000 + X for 8-bit bus
configuration synchronous DRAM and by writing to the continuous synchronous DRAM space of
address H'400000 + 2X for 16-bit bus configuration synchronous DRAM.
The value of the address signal is fetched at the issuance time of the MRS command as the setting
value of the mode register in the synchronous DRAM. Mode of burst read/burst write in the
synchronous DRAM is not supported by this LSI. For setting the mode register of the
synchronous DRAM, set the burst read/single write with the burst length of 1. Figure 6.71 shows
the setting timing of the mode in the synchronous DRAM.
Tp
φ
SDRAM
φ
RAS
CAS
WE
CKE
PALL
MRS
NOP
NOP
Address bus
Tr
Tc1
Tc2
Mode setting value
Mode setting value
Precharge-sel
High
Figure 6.71 Synchronous DRAM Mode Setting Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com